Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6012IDWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # THS6012IDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012IDWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS6012IDWPR Datasheet HTML 17Page - Texas Instruments THS6012IDWPR Datasheet HTML 18Page - Texas Instruments THS6012IDWPR Datasheet HTML 19Page - Texas Instruments THS6012IDWPR Datasheet HTML 20Page - Texas Instruments THS6012IDWPR Datasheet HTML 21Page - Texas Instruments THS6012IDWPR Datasheet HTML 22Page - Texas Instruments THS6012IDWPR Datasheet HTML 23Page - Texas Instruments THS6012IDWPR Datasheet HTML 24Page - Texas Instruments THS6012IDWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
NOISE FIGURE
vs
SOURCE RESISTANCE
18
14
0
20
16
12
Rs – Source Resistance – Ω
10
100
1k
10k
TA = 25°C
8
4
10
6
2
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4 kTR
S
NF
+ 10log
e
2
ni
e
Rs
2
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, we can approximate noise figure as:
Figure 42 shows the noise figure graph for the THS6012.
Figure 42. Noise Figure vs Source Resistance
Copyright © 1998–2012, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com