Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC273 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHC273
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC273 Datasheet(HTML) 4 Page - STMicroelectronics

  74VHC273 Datasheet HTML 1Page - STMicroelectronics 74VHC273 Datasheet HTML 2Page - STMicroelectronics 74VHC273 Datasheet HTML 3Page - STMicroelectronics 74VHC273 Datasheet HTML 4Page - STMicroelectronics 74VHC273 Datasheet HTML 5Page - STMicroelectronics 74VHC273 Datasheet HTML 6Page - STMicroelectronics 74VHC273 Datasheet HTML 7Page - STMicroelectronics 74VHC273 Datasheet HTML 8Page - STMicroelectronics 74VHC273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
31
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/8 (per Flip-Flop)
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time
CK to Q
3.3
(*)
15
8.7
13.6
1.0
16.0
ns
3.3
(*)
50
11.2
17.1
1.0
19.5
5.0
(**)
15
5.8
9.0
1.0
10.5
5.0
(**)
50
7.3
11.0
1.0
12.5
tPHL
Propagation Delay
Time
CLR to Q
3.3
(*)
15
8.9
13.6
1.0
16.0
ns
3.3
(*)
50
11.4
17.1
1.0
19.5
5.0
(**)
15
5.2
8.5
1.0
10.0
5.0
(**)
50
6.7
10.5
1.0
12.0
tw
CLR pulse Width
LOW
3.3
(*)
5.0
6.0
ns
5.0
(**)
5.0
5.0
tw
CK pulse Width
HIGH or LOW
3.3
(*)
5.5
6.5
ns
5.0
(**)
5.0
5.0
ts
Setup Time D to CK
HIGH or LOW
3.3
(*)
5.5
6.5
ns
5.0
(**)
4.5
4.5
th
Hold Time D to CK
HIGH or LOW
3.3
(*)
1.0
1.0
ns
5.0
(**)
1.0
1.0
tREM
Removal Time
CLR to CK
3.3
(*)
2.5
2.5
ns
5.0
(**)
2.0
2.0
fMAX
Maximum Clock
Frequency
3.3
(*)
15
75
120
65
MHz
3.3
(*)
50
50
75
45
5.0
(**)
15
120
165
100
5.0
(**)
50
80
110
70
tOSLH
tOSHL
Output to Output Skew
Time (note 1)
3.3
(*)
50
1.5
1.5
ns
5.0
(**)
50
1.0
1.0
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
Note 1: Parameter guaranteed by design. tsoLH =|tpLHm-tpLHn|, tsoHL =|tpHLm -tpHLn|
74VHC273
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com