Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25160PMG Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X25160PMG
Description  SPI Serial E2PROM With Block LockTM Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25160PMG Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X25160PMG Datasheet HTML 1Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 2Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 3Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 4Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 5Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 6Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 7Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 8Page - IC MICROSYSTEMS X25160PMG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
X25160
2
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of the
serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the clock
input, while data on the SO pin change after the falling
edge of the clock input.
Chip Select (
CS)
When
CS is HIGH, the X25160 is deselected and the SO
output pin is at high impedance and unless an internal
write operation is underway, the X25160 will be in the
standby power mode.
CS LOW enables the X25160,
placing it in the active power mode. It should be noted
that after power-up, a HIGH to LOW transition on
CS is
required prior to the start of any operation.
Write Protect (
WP)
When
WP is LOW and the nonvolatile bit WPEN is “1”,
nonvolatile writes to the X25160 status register are
disabled, but the part otherwise functions normally.
When
WP is held HIGH, all functions, including nonvola-
tile writes operate normally.
WP going LOW while CS is
still LOW will interrupt a write to the X25160 status
register. If the internal write cycle has already been
initiated,
WP going LOW will have no effect on a write.
The
WP pin function is blocked when the WPEN bit in
the status register is “0”. This allows the user to install the
X25160 in a system with
WP pin grounded and still be
able to write to the status register. The
WP pin functions
will be enabled when the WPEN bit is set “1”.
Hold (
HOLD)
HOLD is used in conjunction with the CS pin to select the
device. Once the part is selected and a serial sequence
is underway,
HOLD may be used to pause the serial
communication with the controller without resetting the
serial sequence. To pause,
HOLD must be brought
LOW while SCK is LOW. To resume communication,
HOLD is brought HIGH, again while SCK is LOW. If the
pause feature is not used,
HOLD should be held HIGH
at all times.
PIN CONFIGURATION
PIN NAMES
SYMBOL
DESCRIPTION
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
NC
No Connect
3064 PGM T01
DIP/SOIC
TSSOP
X25160
X25160
3064 ILL F02.2
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
NC
NC
NC
WP
VSS
1
2
3
4
5
6
7
VCC
HOLD
NC
NC
NC
SCK
SI
14
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com