Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDBR Datasheet(PDF) 2 Page - TT Electronics.

Part # WDBR
Description  Ultra Low Profile Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WDBR Datasheet(HTML) 2 Page - TT Electronics.

  WDBR Datasheet HTML 1Page - TT Electronics. WDBR Datasheet HTML 2Page - TT Electronics. WDBR Datasheet HTML 3Page - TT Electronics. WDBR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ultra Low Profile Power Resistors
WDBR Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
07.24
Termination Options
Performance Data
±ΔR%
Pulsed load at full pulse power rating 50,000 cycles (see Fig. 1)
Mounted on a 0.53°C/W heatsink with 5m/s forced air cooling, air temperature 25°C
5
Derating at heatsink temperatures >160°C
See Fig. 2
Fig. 1 Duty Cycle Waveform
Fig. 2 Temperature De-rating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com