Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX93358 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93358
Description  Dual-Port 100 Gb/s Ethernet (QSFP28) Module with Intel® E810
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93358 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93358 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX93358 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
65
Specifications
Basic
Controller
Intel® E810-CAM2
Speed/Connector
2 x QSFP28
Interface
2 x Gen 3 PCIe x8 (Double slot width)
Compatibility
NA870
Features
LAN Bypass
N/A
Jumbo Frames
Yes
Virtualization Features SR-IOV with up to 256 Virtual Functions (VF)
LED Definition
Green
Mechanical / Environmental
Cooling
Locking heatsink with fan
Operating Temperature 0°C to +40°C (+32°F to +140°F)
Humidity
10% - 90% RH, non-condensing
Dimensions
158.10 mm (6.23") x 184.78 mm (7.30") x 42.8 mm (1.69")
AX93358
Dual-Port 100 Gb/s Ethernet (QSFP28) Module with Intel® E810
Features
● Supports multiple port speeds with a single architecture:
100/50/25/10/1GbE
● Intel® Ethernet Adaptive Virtual Function
(Intel® Ethernet AVF)
● Enhanced server virtualization: 256 VFs, 768 VSIs
● Enhanced Data Plane Development Kit (DPDK)
● Suitable for data centers or cloud computing


Similar Part No. - AX93358

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93357 AXIOMTEK-AX93357 Datasheet
336Kb / 2P
Dual-Port 100 Gb/s QSFP28 Ethernet Module
2023
More results

Similar Description - AX93358

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1221 ADVANTECH-PCIE-1221 Datasheet
470Kb / 1P
Dual Port Copper 10GbE Ethernet PCI Express Server Adapter with Intel® X550
22-Dec-2022
logo
Lanner All Rights Reser...
N2S-IHM203 LANNER-N2S-IHM203 Datasheet
2Mb / 1P
NIC Module with Intel E810-CAM2 & Dual 100G QSFP28 Ports
V1-2020.08.27
N2S-MHM201 LANNER-N2S-MHM201 Datasheet
2Mb / 1P
NIC Module with Dual 100G QSFP28 Ports & Mallenox® ConnectX-4 Ethernet Controller
V1-2020.08.26
NCS2-IGM806 LANNER-NCS2-IGM806 Datasheet
922Kb / 1P
8-port GbE RJ45 NIC Module with Intel® i350 Ethernet Controller
V1-2020.11.30
NCS2-IHM204 LANNER-NCS2-IHM204 Datasheet
307Kb / 1P
NCS2 NIC Module With Intel E810 Series (Columbiaville) Ethernet Controller And Dual 100G QSFP28 Ports
V1.2021.09.22
NCS2-ISM802A LANNER-NCS2-ISM802A Datasheet
802Kb / 1P
8-port GbE SFP NIC Module With Intel® i350AM4 Ethernet Controller
2020.12.29
NCS2-IXM415A LANNER-NCS2-IXM415A Datasheet
234Kb / 1P
4-port 25GbE/10GbE SFP28 NIC Module With Intel® E810-CAM1 Ethernet Controller
V1.2021.08.19
NCS2-IXM803A LANNER-NCS2-IXM803A Datasheet
232Kb / 1P
8-port 10GbE SFP28 NIC Module With Intel® E810-CAM2 Ethernet Controller
V1.2021.08.19
logo
Advantech Co., Ltd.
PCIE-2531 ADVANTECH-PCIE-2531 Datasheet
387Kb / 1P
Quad Port Fiber 25GbE Ethernet PCI Express Server Adapter with Intel E810-CAM1
26-May-2022
logo
Intel Corporation
E810 INTEL-E810 Datasheet
1Mb / 36P
Intel® Ethernet Controller E810
Rev. 3.9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com