Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA593-R680E-SPSU Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # NA593-R680E-SPSU
Description  1U 19" Rackmount Network Appliance with 14th/13th/12th Gen Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, and up to 26 LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA593-R680E-SPSU Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  NA593-R680E-SPSU Datasheet HTML 1Page - Axiomtek Co., Ltd. NA593-R680E-SPSU Datasheet HTML 2Page - Axiomtek Co., Ltd. NA593-R680E-SPSU Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Networking Security and Edge Sever Platforms
Optional Accessories
TBD
MIO153 I/O board for 2 x NIC slot
TBD
MIO153, I/O board for 1 NIC slot, M.2, and 1 PCIe x8 expansion slot
5916E552000E
DB9F-RJ-45, 1.8 m console cable for Cisco
59906000010E
Power cord YP-12/YC-12 (Japan)
59903000000E
Power cord YP-22/YC-12 (Europe)
59905000000E
Power cord YP-35/YC-12 (Australia)
59904010000E
Power cord/UK YP-61A/YC-12, L = 1830 mm
590000066500
USB Type A to Type C convert cable L = 180 cm
Optional NIC Modules
E393316109
AX93316-8GI-I350_PLX
E393322102
AX93322-8FI-I350_PLX
E393322103
AX93322-8MIL-I350_PLX 4RJ_4SFP_2LBP
E393336102
AX93336-4GIL-I350_2 LBP
E393336103
AX93336-4FI-I350
E39Q135100
MIO135-4FIL-MM 1G with 2 LBP
E39Q135101
MIO135-2FIL-MM 1G with 1 LBP
E39Q710100
MIO710-2FI-X710 SFP+
E393327101
AX93327-4FI-XL710 4 x 10G SFP+
E393331100
AX93331-2QFI-XL710 2 x 40G QSFP
E393332100
AX93332-25FI-XXV710 2 x 25G SFP28
If you need more NIC modules information, please contact our sales representative.
Ordering Information
Standard (P/N)
CPU
PCH
Memory Slot GbE LAN Port LAN Bypass
IPMI
TPM 2.0
PCIe Expansion
Power
NA593-R680E-SPSU
(P/N: E26E593100)
14th/13th/12th
gen Intel® Core™ R680E
4
8 x RJ-45
2 x SFP
2 pairs
Optional,
by project
Yes
2 x NIC sot or
1 x NIC and 1 x PCIe x8
slot (optional)
AC single 400W
NA593-R680E-RSPU
(P/N: E26E593101)
14th/13th/12th
gen Intel® Core™ R680E
4
8 x RJ-45
2 x SFP
2 pairs
Optional,
by project
Yes
2 x NIC sot or
1 x NIC and 1 x PCIe x8
slot (optional)
AC redundant
400W
System
Expansion Interface
1 x M.2 Key M slot for AI card (via I/O board MIO153)
1 x M.2 Key B 3052 slot with SIM card for 5G (PCIe x2 by default, USB 3.1 optional)
1 x PCIe Mini Card slot with SIM card (PCIe x1 and USB 2.0 by default, co-lay with SATA 3.0)
1 x PCIe x8 slot (optional; via I/O board MIO153 and riser card EIO150)
Watchdog Timer
255 stepping for system reset
8 stepping for LAN bypass
Power Supply
400W single power supply
400W 1U redundant power supply
Mechanical/ Environmental
Form Factor
1U 19'' rackmount
LED
Power, HDD, GPIO programmable, LAN bypass
Operating Temperature 0°C to +45°C (+32°F to +113°F)
Storage Temperature
-20°C to +70°C (-4°F to +158°F)
Relative Humidity
10% to 90% relative humidity, non-condensing
Chassis Material
SECC
Dimensions (H x W x D) 44 x 430 x 450 mm (1.73" x 16.93" x 17.7")
Weight (net/gross)
6 kg/9.5 kg (single power)
7.3 kg/10.8 kg (redundant power)
Certifications
CE, FCC Class A
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com