Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA861-R2GI-US Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA861-R2GI-US
Description  1U Rackmount Network Appliance Platform with LGA3647 Socket Intel® Xeon® Scalable Processor, Intel® C621 (Purley) and up to 34 LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA861-R2GI-US Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA861-R2GI-US Datasheet HTML 1Page - Axiomtek Co., Ltd. NA861-R2GI-US Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
16
NA861
1U Rackmount Network Appliance Platform with LGA3647 Socket Intel® Xeon® Scalable Processor,
Intel® C621 (Purley) and up to 34 LAN
Features
● LGA3647 socket Intel® Xeon® Scalable processor
● 6 DDR4-2400 R-DIMM for up to 192GB of memory
● Max. up to 34 LAN ports
● 4 expandable LAN modules supporting 1GbE/10GbE/25GbE/
40GbE/Fiber/Copper/Bypass
● Supports 1U redundant power supply
● Supports IPMI for optional
● Supports onboard TPM
● High computing power for SDN, NGFW, IDS, IPS and UTM
applications
Front view
Rear view
LCM
Keypad
Console
LAN
System fans
VGA
ATX power/
redundant power
(optional)
USB 3.0
LAN modules
Swappable
HDD
HDD
NIC Module
LAN Bypass
mSATA
mSATA
mSATA
IPMI
IEC 62368-1
DDR4
DDR4
DDR4
Redundant Power
1+1
1+1
Specifications
System
CPU
LGA3647 socket Intel® Xeon® Scalable processors (Cascade Lake/Skylake)
Chipset
Intel® C621
Memory
6 x DDR4-2400 R-DIMM, up to 192GB non-buffer non-ECC/ECC memory
BIOS
AMI SPI Flash BIOS
Storage
2 x 2.5" SATA HDD
1 x Full-size mSATA
Network Interface
2 x GbE RJ-45 (Intel® i210)
Single CPU: 4 x LAN module (optional), max. up to 34 LAN ports
I/O
1 x Console (RJ-type)
2 x USB 2.0
2 x RJ-45
1 x VGA
TPM
Onboard TPM 2.0
IPMI
Onboard BMC AST2500, IPMI 2.0 for optional
Other Features
LAN Bypass function through latch relay (depends on LAN modules)
Expansion Interface
N/A
Watchdog Timer
255 stepping for system reset
8 stepping for LAN Bypass
Power Supply
400W 1U redundant power supply
OS Compatibility
Linux
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, GPIO programmable, LAN Bypass, Link/Act with transfer rate
Operating Temperature 0°C to +40°C (+32°F to +104°F)
Humidity
10% to 95% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 430 mm (16.92”) (W) x 561 mm (22") (D)
Weight (net/gross)
8 kg (17.6 lb)/12 kg (26.4 lb)
Certifications
CE/FCC Class A


Similar Part No. - NA861-R2GI-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA860 AXIOMTEK-NA860 Datasheet
518Kb / 1P
2U Rackmount Network Appliance Platform with Dual LGA3647 Socket
More results

Similar Description - NA861-R2GI-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-5070 ADVANTECH-FWA-5070 Datasheet
850Kb / 2P
1U Rackmount Network Appliance with Intel® Xeon® Processor Scalable Family, up to 4 NMC Slots
23-Sep-2022
FWA-5072 ADVANTECH-FWA-5072 Datasheet
958Kb / 2P
1U Rackmount Network Appliance with 4th Generation Intel® Xeon® Scalable Processor for NFV and SD-WAN
16-Feb-2023
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
FWA-6072 ADVANTECH-FWA-6072 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with 4th Generation Intel® Xeon® Scalable Processor for NFV
16-Feb-2023
FWA-6170 ADVANTECH-FWA-6170 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with Intel® Xeon® Processor Scalable Family, up to 8 NMC slots
14-Dec-2017
logo
Lanner All Rights Reser...
NCA-6530 LANNER-NCA-6530 Datasheet
526Kb / 2P
2U 19” Rackmount Network Appliance Built With Intel® Xeon® Processor Scalable Family
V1-2023.01.09
logo
AAEON Technology
FWS-7541 AAEON-FWS-7541 Datasheet
408Kb / 2P
1U Rackmount Network Appliance with Intel® Xeon® LCC Processor (formerly ICE-Lake-D)
2023/03/02
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
FWS-8600 AAEON-FWS-8600 Datasheet
451Kb / 2P
2U Rackmount Network Appliance with Dual 2nd Gen Intel® Xeon® Scalable Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com