Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5SN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBW5SN
Description  Platinum DRAGON짰 Lead (Pb) Free Product - RoHS Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5SN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBW5SN Datasheet HTML 5Page - OSRAM GmbH LBW5SN Datasheet HTML 6Page - OSRAM GmbH LBW5SN Datasheet HTML 7Page - OSRAM GmbH LBW5SN Datasheet HTML 8Page - OSRAM GmbH LBW5SN Datasheet HTML 9Page - OSRAM GmbH LBW5SN Datasheet HTML 10Page - OSRAM GmbH LBW5SN Datasheet HTML 11Page - OSRAM GmbH LBW5SN Datasheet HTML 12Page - OSRAM GmbH LBW5SN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Released
LD W5SN, LB W5SN, LT W5SN
2008-01-08
9
Durchlassstrom
2) Seite 20
Forward Current
2) page 20
I
F = f (VF); TA = 25 °C
Relativer Lichtstrom
2) 7) Seite 20
Relative Luminous Flux
2) 7) page 20
Φ
V/ΦV(700 mA) = f (IF); TA = 25 °C,
Relative Vorwärtsspannung
2) Seite 20
Relative Forward Voltage
2) page 20
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 700 mA
Relative Strahlungsleistung
2) 7) Seite 20
Relative Radiant Power
2) 7) page 20
Φ
E/ΦE(700 mA) = f (IF); TA = 25 °C
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
V (700 mA)
V
I
F
10
1
10
2
10
3
mA
5
5
OHL02613
Φ
Φ
0
10
-1
10
blue
true green
2
OHL02808
Tj
-40
-0.1
-0.2
-0.3
0
0.1
-20
0
20 40
0.2
0.4
˚C
60
100
-60
V
VF
Δ
E (700 mA)
E
I
F
10
1
10
2
10
3
mA
5
5
OHL03552
Φ
Φ
0
10
-1
10
deep blue
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com