Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF25S-R-0R Datasheet(PDF) 6 Page - YAGEO Corporation

Part # MMF25S-R-0R
Description  MELF METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMF25S-R-0R Datasheet(HTML) 6 Page - YAGEO Corporation

  MMF25S-R-0R Datasheet HTML 1Page - YAGEO Corporation MMF25S-R-0R Datasheet HTML 2Page - YAGEO Corporation MMF25S-R-0R Datasheet HTML 3Page - YAGEO Corporation MMF25S-R-0R Datasheet HTML 4Page - YAGEO Corporation MMF25S-R-0R Datasheet HTML 5Page - YAGEO Corporation MMF25S-R-0R Datasheet HTML 6Page - YAGEO Corporation MMF25S-R-0R Datasheet HTML 7Page - YAGEO Corporation MMF25S-R-0R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.yageo.com
Feb. 08, 2023 V.0
Melf Metal Film Resistors
6
8
Product Specification
MMF
Through Hole Resistors
MARKING
COLOR
1st BAND
2nd BAND
3rd BAND
MULTIPLIER
BLACK
0
0
0
1Ω
BROWN
1
1
1
10Ω
RED
2
2
2
100Ω
ORANGE
3
3
3
1KΩ
YELLOW
4
4
4
10KΩ
GREEN
5
5
5
100K
BLUE
6
6
6
1MΩ
VIOLET
7
7
7
10MΩ
GREY
8
8
8
0.001Ω
WHITE
9
9
9
0.0001Ω
GOLD
0.1Ω
SILVER
0.01Ω
3-BAND-CODE
±2%, ±5%
4-BAND-CODE
±0.1%, ±0.25%, ±0.5%, ±1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com