Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11360 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # CA11360
Description  Laura-XP series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11360 Datasheet(HTML) 4 Page - Ledil, Inc.

  CA11360 Datasheet HTML 1Page - Ledil, Inc. CA11360 Datasheet HTML 2Page - Ledil, Inc. CA11360 Datasheet HTML 3Page - Ledil, Inc. CA11360 Datasheet HTML 4Page - Ledil, Inc. CA11360 Datasheet HTML 5Page - Ledil, Inc. CA11360 Datasheet HTML 6Page - Ledil, Inc. CA11360 Datasheet HTML 7Page - Ledil, Inc. CA11360 Datasheet HTML 8Page - Ledil, Inc. CA11360 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRODUCT DATASHEET
Laura-XP series
GENERAL INFORMATION
- Product series especially designed & optimized for XP-G series of LEDs.
- Special care taken to make light distribution as uniform as possible.
- Lens material optical grade PMMA with high UV and temperature resistance (105 degrees of Celcius / 220
degrees of Fahrenheit). Allows use of high current and temperature conditions.
Please find more information about used material from below:
http://ledil.fi/sites/default/files/Documents/Technical/Material/PMMA%208N%20UL94_Yellow%20Card.pdf
http://ledil.fi/sites/default/files/Documents/Technical/Material/PMMA%208N%20PLEXIGLAS-Datasheet.pdf
- Lens material optical grade PC with high UV and temperature resistance (120 degrees of Celcius / 248
degrees of Fahrenheit). Allows use of high current and temperature conditions.
Please find more information about used materials from below:
http://ledil.fi/sites/default/files/Documents/Technical/Material/PC%20Makrolon%202400_2407_2456_2458-UL
.pdf
- Reflector is made of aluminium coated PC (120 degrees of Celcius / 248 degrees of Fahrenheit) with
protective lacquer (110 degrees of Celcius / 230 degrees of Fahrenheit).
- Optic holder molded by high quality PC material (120 dergees of Celcius / 248 degrees of Fahrenheit).
- Fastening to heat sink with a PU foam adhesive tape of automotive grade. Please find fastening details by
clicking link: http://www.ledil.com/datasheets/DataSheet_TAPE.pdf
NOTE 1: We advise customer to ensure the suitability and sufficiency of the bond in the end
product. For example, mechanical stress, vibration and holes on the surface of the circuit boar
weaken the strength of the tape.
NOTE 2: Assembly to the surface must be made straight, so the tape bonds constant and
balanced with fastening surface. Slanted assembly might cause unbalanced bond to the
surface. All surfaces where tape is applied must be clean, dry and free from grease and dirt.
If cleaning of PCB surfaces is needed, please follow strictly the cleaning instructions of your
LED manufacturer - this is important as cleaning shall under no circumstances damage LEDs or
other electronics components on the PCB.
Further note that optical components shall not be cleaned with any chemicals - only micro fiber
cloth may be used to remove fingerprints or other traces from handling.
August 4th 2011 13:43 Copyright Ledil Oy - Subject to change without prior notice - Page 4/4
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com