Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3045 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3045
Description  Assembled Adafruit FeatherWing OLED - 128x32 OLED Add-on For Feather
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3045 Datasheet(HTML) 2 Page - Adafruit Industries

  3045 Datasheet HTML 1Page - Adafruit Industries 3045 Datasheet HTML 2Page - Adafruit Industries 3045 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tested works with our Feather 32u4, M0 and ESP8266 boards. The OLED uses
only the two I2C pins on the Feather, and you can pretty much stack it with any
other FeatherWing, even ones that use I2C since that is a shared bus. To
use, simply follow our tutorial to install our Arduino library, it's basically
a Feather-shaped version of the 128x32 I2C OLED breakout
TECHNICAL DETAILS
OLED UG-2832HSWEG02 Datasheet https://cdn-
shop.adafruit.com/datasheets/UG-2832HSWEG02.pdf
PCB dimensions: 22.9mm x 50.9mm / 0.9" x 2"
Display area: ~25.8mm / ~1.0"
Weight: 4.8g
On 32u4 or M0 Feathers, buttons A, B & C connect to 9, 6, 5 respectively
On Huzzah ESP8266 Feather, buttons A, B & C connect to 0, 16, 2
respectively
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com