Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAL296-Q2R2-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LAL296-Q2R2-1
Description  SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAL296-Q2R2-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LAL296-Q2R2-1 Datasheet HTML 4Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 5Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 6Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 7Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 8Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 9Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 10Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 11Page - OSRAM GmbH LAL296-Q2R2-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LS L296, LA L296, LO L296, LY L296
2007-10-18
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T); TA: temp. ambient
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T); TS: temp. solder point
OHL01454
0
IF
T
0
A
10 20 30 40 50 60 70 80 ˚C 100
thja
R
= 500 K/W
10
20
30
40
50
60
70
mA
super-red/amber
yellow/orange
OHL01457
0
IF
T
0
S
10 20 30 40 50 60 70 80 ˚C 100
thjs
R
= 290 K/W
10
20
30
40
50
60
70
mA
super-red/amber
yellow/orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com