Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6351A Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6351A
Description  Charge Pump Voltage Inverter IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6351A Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6351A_2 Datasheet HTML 1Page - Torex Semiconductor XC6351A_2 Datasheet HTML 2Page - Torex Semiconductor XC6351A_2 Datasheet HTML 3Page - Torex Semiconductor XC6351A_2 Datasheet HTML 4Page - Torex Semiconductor XC6351A_2 Datasheet HTML 5Page - Torex Semiconductor XC6351A_2 Datasheet HTML 6Page - Torex Semiconductor XC6351A_2 Datasheet HTML 7Page - Torex Semiconductor XC6351A_2 Datasheet HTML 8Page - Torex Semiconductor XC6351A_2 Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
XC6351A Series
PIN NUMBER
SOT-26
USP-6B
SYMBOL
FUNCTION
1
6
GND
Ground
2
5
CE/
Chip Enable (Low Active)
3
4
C1+
External Capacitor +Pin
4
3
VOUT
Reverse Output
5
2
VIN
Power Supply
6
1
C1-
External Capacitor -Pin
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
120
: 120kHz
① ② ③
Oscillation Frequency
035
: 35kHz (custom)
M
: SOT-26
④
Package
D
: USP-6B
R
: Embossed tape, standard feed
⑤
Device Orientation
L
: Embossed tape, reverse feed
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
GND
CE
C1+
C1-
VIN
VOUT
*The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VIN pin.
XC6351A ①②③④⑤



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com