Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ST-13 Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # 9ST-13
Description  PK-616B Professional Electronic Tool Kit (with EURO plug)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

9ST-13 Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  9ST-13 Datasheet HTML 1Page - Prokits Industries Co., LTD 9ST-13 Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1 / 2
PRODUCT SPECIFICATION
PK-616B Professional Electronic Tool Kit (with EURO plug)
Picture for reference only. All specifications are subject to change by supplier. ***
Specifications:
PK-616B Contents
1PK-052DS
Dual Color Lineman'sPlier (162mm)
1PK-125T
Super Fine Tip Straight Tweezer (120mm)
8PK-2061
6Pcs Electronic Screwdriver Set
908-609
IC Extractor
9DP-S002
Lead Free Solder Dispenser
9K003A-1
Needle File Flat
9K003B-1
Needle File Round
9MS-001
PVC Insulated Tape
AS-611
Wrist Strap 10FT
DP-366P
Desoldering Pump
HW-121M
Folding Type Hex Key Set(Metric)
MT-1210
3 1/2 Compact Digital Multimeter
PM-737
Diagonal Cutting Plier (109mm)
PM-746
Needle Nose Plier (150mm)
SD-5101A
Line Color Screwdriver (-3.0x 75mm)
SD-5101B
Line Color Screwdriver (#0 x 75mm)
SD-5102A
Line Color Screwdriver (-5.0 x 75mm)
SD-5102B
Line Color Screwdriver (#1 x 75mm)
SD-5107A
Line Color Screwdriver (-6.0 x 100mm)
SD-5107B
Line Color Screwdriver (#2 x 100mm)
9108
Line Color Screwdriver Nut 3/16"
9109
Line Color Screwdriver Nut 1/4"
SI-130B-20
Ceramic Soldering Iron(220V)
9ST-13
Tool Bag


Similar Part No. - 9ST-13

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
9ST-13 PROSKITINDUSTRIES-9ST-13 Datasheet
990Kb / 2P
PK-2002B Professional Electrical And Mechanical Tool Set, 220V (with EU plug)
9ST-13 PROSKITINDUSTRIES-9ST-13 Datasheet
988Kb / 2P
PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
9ST-13 PROSKITINDUSTRIES-9ST-13 Datasheet
720Kb / 2P
PK-616C Professional Electronic Tool Kit (with UK plug)
More results

Similar Description - 9ST-13

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TK505 EXTECH-TK505 Datasheet
269Kb / 1P
Professional MultiMeter Kit
TK730 EXTECH-TK730 Datasheet
239Kb / 1P
Professional Clamp Meter Test Kit
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
Professional Handcrimpwerkzeug Professional hand crimp tool
169-6510 ETC2-169-6510 Datasheet
34Kb / 1P
Electronic Professional Side Cutters
logo
Extech Instruments Corp...
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
Professional Test Lead Kit
logo
Bel Fuse Inc.
VA230 BEL-VA230 Datasheet
790Kb / 1P
Euro Plug to BNC Plug
logo
PHOENIX CONTACT
1212422 PHOENIX-1212422 Datasheet
63Kb / 3P
Tool set - TOOL-KIT STANDARD
logo
Molex Electronics Ltd.
ATS-192900007 MOLEX-ATS-192900007 Datasheet
271Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900010 MOLEX-ATS-192900010 Datasheet
267Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900750 MOLEX-ATS-192900750 Datasheet
250Kb / 3P
HHL Tool Kit
11-15-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com