Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V15-G-2M-PVC Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # V15-G-2M-PVC
Description  Ultrasonic sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

V15-G-2M-PVC Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  V15-G-2M-PVC Datasheet HTML 1Page - Pepperl+Fuchs Inc. V15-G-2M-PVC Datasheet HTML 2Page - Pepperl+Fuchs Inc. V15-G-2M-PVC Datasheet HTML 3Page - Pepperl+Fuchs Inc. V15-G-2M-PVC Datasheet HTML 4Page - Pepperl+Fuchs Inc. V15-G-2M-PVC Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ultrasonic sensor
UC2000-30GM-IUR2-V15
2
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Dimensions
Electrical Connection
Pinout
Temperature probe
Coded plug
M30x1.5
36
LED
Standard symbol/Connection:
(version IU)
Sync.
Core colors in accordance with EN 60947-5-2.
0-10 V
4-20 mA
+ U
B
- U
B
1
5
4
3
2
(BN)
(GY)
(BK)
(BU)
(WH)
U
1
3
4
5
2
1
BN
2
WH
3
BU
4
BK
5
GY
Wire colors in accordance with EN 60947-5-2
(brown)
(white)
(blue)
(black)
(gray)
Additional Information
Analogue output function
Near distance
of evaluation
Far distance
of evaluation
Analog function
Rising slope
Falling slope
Zero line mode
20 mA/10 V
4 mA/0 V
4 mA/0 V
20 mA/10 V
20 mA/10 V
4 mA/0 V
A1= 0 mm
A2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com