Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3695 Datasheet(PDF) 13 Page - Texas Instruments

Part # TL3695
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3695 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL3695 Datasheet HTML 9Page - Texas Instruments TL3695 Datasheet HTML 10Page - Texas Instruments TL3695 Datasheet HTML 11Page - Texas Instruments TL3695 Datasheet HTML 12Page - Texas Instruments TL3695 Datasheet HTML 13Page - Texas Instruments TL3695 Datasheet HTML 14Page - Texas Instruments TL3695 Datasheet HTML 15Page - Texas Instruments TL3695 Datasheet HTML 16Page - Texas Instruments TL3695 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 16
1
0
0
0.5
1
1.5
2
3
2
2.5
3
4
5
RECEIVER
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
VI − Enable Voltage − V
VCC = 4.75 V
VCC = 5 V
VID = 0.2 V
Load = 8 k
Ω to GND
TA = 25°C
VCC = 5.25 V
Figure 17
3
2
1
0
0
0.5
1
4
5
6
1.5
2
2.5
3
RECEIVER
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
VI − Enable Voltage − V
VCC = 5.25 V
VCC = 4.75 V
VCC = 5 V
VID = − 0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
† Operation of the device at these or any other conditions beyond those indicated under ‘‘recommended operating conditions” is not implied.
APPLICATION INFORMATION
TL3695
TL3695
Up to 32
Transceivers
RT
RT
NOTE A: The line should be terminated at both ends in its characteristic impedance (RT = ZO). Stub lengths off the main line should be kept
as short as possible.
Figure 18. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com