Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOQ971 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LOQ971
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOQ971 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LOQ971 Datasheet HTML 5Page - OSRAM GmbH LOQ971 Datasheet HTML 6Page - OSRAM GmbH LOQ971 Datasheet HTML 7Page - OSRAM GmbH LOQ971 Datasheet HTML 8Page - OSRAM GmbH LOQ971 Datasheet HTML 9Page - OSRAM GmbH LOQ971 Datasheet HTML 10Page - OSRAM GmbH LOQ971 Datasheet HTML 11Page - OSRAM GmbH LOQ971 Datasheet HTML 12Page - OSRAM GmbH LOQ971 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2007-10-08
12
LS Q971, LO Q971, LY Q971, LG Q971
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 13 may only be used in life-support devices or systems11) page 13 with the express written approval of
OSRAM OS.
Revision History:
2007-10-08
Previous Version:
2005-06-30
Page
Subjects (major changes since last revision)
Date of change
9
recommended solder pad
4
forward voltage
3
pad size from 16 mm
2 to 5 mm2
11
annotations
2002-07-23
3, 4
value (reverse voltage from 5 V to 12 V)
2002-09-18
2
ordering code
2002-09-19
3
ambient temperature
2003-09-04
all
new template
2004-03-22
all
RoHS compliant
2004-08-12
1
ESD-withstand voltage
2004-08-30
10
Product Label acc. to OS-IN-2005-015
2005-05-18
all
new colors: super-red, orange
2005-06-30
2
new brightness grouping of LY Q971 - new Q-number
2007-10-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com