Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC0831CD Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC0831CD
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC0831CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC0831CD Datasheet HTML 3Page - Texas Instruments TLC0831CD Datasheet HTML 4Page - Texas Instruments TLC0831CD Datasheet HTML 5Page - Texas Instruments TLC0831CD Datasheet HTML 6Page - Texas Instruments TLC0831CD Datasheet HTML 7Page - Texas Instruments TLC0831CD Datasheet HTML 8Page - Texas Instruments TLC0831CD Datasheet HTML 9Page - Texas Instruments TLC0831CD Datasheet HTML 10Page - Texas Instruments TLC0831CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLC0831C, TLC0831I
TLC0832C, TLC0832I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS107B – JANUARY 1995 – REVISED APRIL 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics VCC = Vref = 5 V, fclock = 250 kHz, tr = tf = 20 ns, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Supply-voltage variation error
VCC = 4.75 V to 5.25 V
±1/16
±1/4
LSB
Total unadjusted error (see Note 5)
Vref = 5 V,
TA = MIN to MAX
±1
LSB
Common-mode error
Differential mode
±1/16
±1/4
LSB
t d
Propagation delay time,
MSB-first data
CL = 100 pF
650
1500
ns
tpd
gy
,
output data after CLK
↑ (see Note 6)
LSB-first data
CL = 100 pF
250
600
ns
tdi
Output disable time DO after CS
↑
CL = 10 pF,
RL = 10 kΩ
125
250
ns
tdis
Output disable time, DO after CS
↑
CL = 100 pF, RL = 2 kΩ
500
ns
tconv
Conversion time (multiplexer-addressing
time not included)
8
clock
periods
† All parameters are measured under open-loop conditions with zero common-mode input voltage. For conditions shown as MIN or MAX, use the
appropriate value specified under recommended operating conditions.
NOTES:
5. Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors.
6. The MSB-first data is output directly from the comparator and, therefore, requires additional delay to allow for comparator response
time. LSB-first data applies only to TLC0832.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com