Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 17Page - Texas Instruments ADS5281IPFP Datasheet HTML 18Page - Texas Instruments ADS5281IPFP Datasheet HTML 19Page - Texas Instruments ADS5281IPFP Datasheet HTML 20Page - Texas Instruments ADS5281IPFP Datasheet HTML 21Page - Texas Instruments ADS5281IPFP Datasheet HTML 22Page - Texas Instruments ADS5281IPFP Datasheet HTML 23Page - Texas Instruments ADS5281IPFP Datasheet HTML 24Page - Texas Instruments ADS5281IPFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
www.ti.com
PROGRAMMABLE GAIN
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
X
X
X
GAIN_CH1<3:0>
X
X
X
X
GAIN_CH2<3:0>
2A
X
X
X
X
GAIN_CH3<3:0>
X
X
X
X
GAIN_CH4<3:0>
X
X
X
X
GAIN_CH5<3:0>
X
X
X
X
GAIN_CH6<3:0>
2B
X
X
X
X
GAIN_CH7<3:0>
X
X
X
X
GAIN_CH8<3:0>
In applications where the full-scale swing of the analog input signal is much less than the 2VPP range supported
by the ADS528x, a programmable gain can be set to achieve the full-scale output code even with a lower analog
input swing. The programmable gain not only fills the output code range of the ADC, but also enhances the SNR
of the device by utilizing quantization information from some extra internal bits. The programmable gain for each
channel can be individually set using a set of four bits, indicated as GAIN_CHN<3:0> for Channel N. The gain
setting is coded in binary from 0dB to 12dB, as shown in Table 6.
Table 6. Gain Setting for Channel 1
GAIN_CH1<3>
GAIN_CH1<2>
GAIN_CH1<1>
GAIN_CH1<0>
CHANNEL 1 GAIN SETTING
0
0
0
0
0dB
0
0
0
1
1dB
0
0
1
0
2dB
0
0
1
1
3dB
0
1
0
0
4dB
0
1
0
1
5dB
0
1
1
0
6dB
0
1
1
1
7dB
1
0
0
0
8dB
1
0
0
1
9dB
1
0
1
0
10dB
1
0
1
1
11dB
1
1
0
0
12dB
1
1
0
1
Do not use
1
1
1
0
Do not use
1
1
1
1
Do not use
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com