Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF25SCRG1M Datasheet(PDF) 5 Page - YAGEO Corporation

Part # MMF25SCRG1M
Description  MELF METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMF25SCRG1M Datasheet(HTML) 5 Page - YAGEO Corporation

  MMF25SCRG1M Datasheet HTML 1Page - YAGEO Corporation MMF25SCRG1M Datasheet HTML 2Page - YAGEO Corporation MMF25SCRG1M Datasheet HTML 3Page - YAGEO Corporation MMF25SCRG1M Datasheet HTML 4Page - YAGEO Corporation MMF25SCRG1M Datasheet HTML 5Page - YAGEO Corporation MMF25SCRG1M Datasheet HTML 6Page - YAGEO Corporation MMF25SCRG1M Datasheet HTML 7Page - YAGEO Corporation MMF25SCRG1M Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.yageo.com
Feb. 08, 2023 V.0
Melf Metal Film Resistors
5
8
Product Specification
MMF
Through Hole Resistors
Resistance to Soldering
Heat
IEC 60115-1 4.18
260±3°C for 10±1 Sec., immersed to a
point 3±0.5mm from the body
±0.5%+0.005Ω
Endurance at upper
category temperature
IEC 60115-1 4.25
125±2°C for 1,000 Hr.
±1.0%+0.005Ω
Endurance at upper
category temperature
IEC 60115-1 4.25
155±2°C for 1,000 Hr.
±2.0%+0.005Ω
Climatic test
IEC 60115-1 4.23
Dry heat: 125°C for 16 Hr.
Damp heat: 55°C,95% RH for 24 Hr.
Cold: -55°C for 2 Hr.
Negative air pressure:8.5KPa at
25±10°C for 2 Hr.
Damp heat cyclic: 55°C, 95% RH for 5
days.
DC load: -55°C at RCWV for 1 Min.
125°C at RCWV for 1 Min.
±1.0%+0.005Ω
Note:
PACKING METHODS
RCWV (Rated Continuous Working Voltage):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)
TYPE
Unit: piece
Normal
Miniature
Packaging
Quantity Per Reel
MMF-12
MMF25S
MMF204
7”
3,000
MMF-25
MMF50S
MMF207
7”
2,000
MMF-50
MMF1WS
13”
2,500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com