Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF50SCRG1M Datasheet(PDF) 2 Page - YAGEO Corporation

Part # MMF50SCRG1M
Description  MELF METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMF50SCRG1M Datasheet(HTML) 2 Page - YAGEO Corporation

  MMF50SCRG1M Datasheet HTML 1Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 2Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 3Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 4Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 5Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 6Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 7Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.yageo.com
Feb. 08, 2023 V.0
Melf Metal Film Resistors
2
8
Product Specification
MMF
Through Hole Resistors
APPLICATIONS
All general purpose
applications
Power applications
Energy meter
FEATURES
AEC-Q200 qualified
MELF, SMD package
Excellent pulse withstanding
capability
Wide resistance range
RoHS compliant and halogen
free
ORDERING INFORMATION
Part number of the MELF metal film resistor is identified by the series,
power rating, tolerance, packing, temperature coefficient and resistance
value.
PART NUMBER
MMF
25S
F
R
E
100R
(1)
(2)
(3)
(4)
(5)
(6)
(1) SERIES NAME
MMF Series
(2) POWER RATING
-12 = 1/6W
25S = 1/4W
204 = 0.4W
-25 = 1/4W
50S = 1/2W
207 = 0.6W
-50 = 1/2W
1WS = 1W
(3) TOLERANCE
B = ±0.1%
C = ±0.25%
D = ±0.5%
F = ±1%
G = ±2%
J = ±5%
- = Based on spec.
(4) PACKAGING
R = Reel Pack
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
C=±15ppm/°C
D=±25ppm/°C
E=±50ppm/°C
F=±100ppm/°C
G=±200ppm/°C
- = Based on spec.
(6) RESISTANCE VALUE
0.22Ω-1MΩ for E24 & E96 Series value,100Ω-100KΩ for E192 Series value
Example:
1R = 1Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com