Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

521 Datasheet(PDF) 1 Page - A. Steffen AG

Part # 521
Description  Plug with earthing contact, Swiss standard type 12
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEFFEN [A. Steffen AG]
Direct Link  https://www.steffen.ch/de/
Logo STEFFEN - A. Steffen AG

521 Datasheet(HTML) 1 Page - A. Steffen AG

  521 Datasheet HTML 1Page - A. Steffen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datenblatt / Datasheet
Stecker mit Schutzkontakt, schweizer
Ausführung Typ 12
Plug with earthing contact,
Swiss standard type 12
Typ:
521
Type:
Nennspannung:
AC 250 V
Rated voltage:
Nennstrom:
10 A
Rated current
:
Bauart:
SEV 1011
According to:
IEC 60884-1
SN 416534-2
Schutzart:
–
IP-Code
Anschlüsse:
Schraubanschlußklemmen
Type of Terminals:
screw-type terminals
Kontakte:
CuZn 39
Material of Terminals:
Kontaktträger:
Polyamid 6
Carrying parts:
polyamide
Gehäuse:
Polyamid 6
Cover:
polyamide
Approbationen:
Certified by:
Anmerkung:
Wiederanschließbare Aus-
führung für flexible Leitungen
H05VV-F 3G1,0 mm² und
3G1,5 mm²
Annotation:
rewireable, for supply line H05VV-F
3G1,0 mm² and 3G1,5 mm²


Similar Part No. - 521

ManufacturerPart #DatasheetDescription
logo
Littelfuse
521 LITTELFUSE-521 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
logo
Intel Corporation
521 INTEL-521 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
List of Unclassifed Man...
521 ETC2-521 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
521 APITECH-521 Datasheet
58Kb / 1P
COAXIAL RESONATOR OSCILLATOR
521 APITECH-521 Datasheet
58Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR44 ETC1-LR44 Datasheet
74Kb / 1P
Calculator Battery Swiss Made
logo
Wurth Elektronik GmbH &...
74273701 WURTH-74273701 Datasheet
207Kb / 2P
Earthing Belt
74273702 WURTH-74273702 Datasheet
207Kb / 2P
Earthing Belt
74273703 WURTH-74273703 Datasheet
203Kb / 2P
Earthing Belt
74273704 WURTH-74273704 Datasheet
205Kb / 2P
Earthing Belt
74273711 WURTH-74273711 Datasheet
205Kb / 2P
Earthing Belt
74273712 WURTH-74273712 Datasheet
207Kb / 2P
Earthing Belt
74273713 WURTH-74273713 Datasheet
203Kb / 2P
Earthing Belt
74273714 WURTH-74273714 Datasheet
205Kb / 2P
Earthing Belt
7425103 WURTH-7425103 Datasheet
210Kb / 3P
Earthing Metal Clip
001.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com