Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIBRA Datasheet(PDF) 2 Page - Coherent Corp

Part # LIBRA
Description  One-Box, Ultra-Stable, kHz Repetition- Rate, Ti:Sapphire Amplifier System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LIBRA Datasheet(HTML) 2 Page - Coherent Corp

  LIBRA Datasheet HTML 1Page - Coherent Corp LIBRA Datasheet HTML 2Page - Coherent Corp LIBRA Datasheet HTML 3Page - Coherent Corp LIBRA Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Libra Datasheet
SPECIFICATIONS
Libra
Libra-HE
Libra-HE+
Center Wavelength (nm) (nominal)
800
Repetition-Rate1 (kHz)
1, 5 or 10
1, 5 or 10
1
Pulse Duration2 (fs) (FWHM)
F-Model
USP-Model
<100
<50
<100
<50
<100
<40
Energy-per-Pulse (mJ)
>1.0 at 1 kHz
>0.3 at 5 kHz
>0.15 at 10 kHz
>4.0 at 1 kHz
>0.8 at 5 kHz
>0.4 at 10 kHz
5.0 at 1 kHz
Contrast Ratio3
Pre-pulse
Post-pulse
>1000:1
>100:1
Power Stability4 (% rms) (24 hrs.)
<0.5
Beam Diameter5 (mm) (1/e2) (nominal)
6
9
9
Spatial Mode
TEM00, M2 <1.3
Polarization
linear, horizontal
Pump Laser
REVOLUTION-20
REVOLUTION-35
REVOLUTION-50
1 Repetition-rate must be specified when ordered and will be optimized prior to shipment.
2 A Gaussian pulse shape de-convolution factor (0.7) is used to determine the pulse width from an autocorrelation signal measured by a Coherent SSA (Single-Shot Autocorrelator).
3 Contrast ratio is defined as the ratio between the peak intensity of the output pulse to the peak intensity of any other pulse that occurs greater than 1 ns before or after the output pulse.
4 Under stable environmental conditions, after system warm-up.
5 8 mm (nominal) for Libra-F-HE and Libra-USP-HE at 10 kHz.
Typical Libra-HE
Near Field Beam Quality
Typical Libra-HE
Far Field Beam Quality
TYPICAL PERFORMANCE DATA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com