Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F527 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F527
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 85Page - Microchip Technology PIC16F527 Datasheet HTML 86Page - Microchip Technology PIC16F527 Datasheet HTML 87Page - Microchip Technology PIC16F527 Datasheet HTML 88Page - Microchip Technology PIC16F527 Datasheet HTML 89Page - Microchip Technology PIC16F527 Datasheet HTML 90Page - Microchip Technology PIC16F527 Datasheet HTML 91Page - Microchip Technology PIC16F527 Datasheet HTML 92Page - Microchip Technology PIC16F527 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 89
PIC16F570
TABLE 15-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
C  TA  +85C (industrial),
-40
C  TA  +125C (extended)
Operating voltage VDD range is described in Section 15.1 “DC
Characteristics: PIC16F570 (Industrial)”.
Param.
No.
Sym.
Characteristic
Min.
Typ.(1)
Max.
Units
Conditions
1A
FOSC
External CLKIN Frequency(2)
DC
—
4
MHz XT Oscillator
DC
—
20
MHz HS/EC Oscillator
DC
—
200
kHz
LP Oscillator
Oscillator Frequency(2)
DC
—
4
MHz EXTRC Oscillator
0.1
—
4
MHz XT Oscillator
4
—
20
MHz HS/EC Oscillator
DC
—
200
kHz
LP Oscillator
1TOSC
External CLKIN Period(2)
250
—
—
ns
XT Oscillator
50
—
—
ns
HS/EC Oscillator
5—
—
s
LP Oscillator
Oscillator Period(2)
250
—
—
ns
EXTRC Oscillator
250
—
10,000
ns
XT Oscillator
50
—
250
ns
HS/EC Oscillator
5—
—
s
LP Oscillator
2
TCY
Instruction Cycle Time
200
4/FOSC
DC
ns
3
TosL,
TosH
Clock in (OSC1) Low or High
Time
50*
—
—
ns
XT Oscillator
2*
—
—
s
LP Oscillator
10*
—
—
ns
HS/EC Oscillator
4TosR,
TosF
Clock in (OSC1) Rise or Fall
Time
—
—
25*
ns
XT Oscillator
—
—
50*
ns
LP Oscillator
—
—
15*
ns
HS/EC Oscillator
*
These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ.”) column is at 5V, 25
C unless otherwise stated. These parameters are for design
guidance only and are not tested.
2: All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption. When an external clock
input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com