Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1503-E/ST Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F1503-E/ST
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503-E/ST Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F1503-E/ST Datasheet HTML 35Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 36Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 37Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 38Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 39Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 39
PIC16(L)F1503
REGISTER 4-2:
CONFIG2: CONFIGURATION WORD 2
R/P-1
U-1
R/P-1
R/P-1
R/P-1
U-1
LVP(1)
—LPBOR
BORV(2)
STVREN
—
bit 13
bit 8
U-1
U-1
U-1
U-1
U-1
U-1
R/P-1
R/P-1
—
—
—
—
—
—WRT<1:0>
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
-n = Value when blank or after Bulk Erase
bit 13
LVP:
Low-Voltage Programming Enable bit(1)
1
= Low-voltage programming enabled
0
= High-voltage on MCLR must be used for programming
bit 12
Unimplemented:
Read as ‘1’
bit 11
LPBOR:
Low-Power BOR Enable bit
1
= Low-Power Brown-out Reset is disabled
0
= Low-Power Brown-out Reset is enabled
bit 10
BORV:
Brown-Out Reset Voltage Selection bit(2)
1
= Brown-out Reset voltage (VBOR), low trip point selected
0
= Brown-out Reset voltage (VBOR), high trip point selected
bit 9
STVREN:
Stack Overflow/Underflow Reset Enable bit
1
= Stack Overflow or Underflow will cause a Reset
0
= Stack Overflow or Underflow will not cause a Reset
bit 8-2
Unimplemented:
Read as ‘1’
bit 1-0
WRT<1:0>:
Flash Memory Self-Write Protection bits
2 kW Flash memory (PIC16(L)F1503 only):
11
= Write protection off
10
= 000h to 1FFh write-protected, 200h to 7FFh may be modified
01
= 000h to 3FFh write-protected, 400h to 7FFh may be modified
00
= 000h to 7FFh write-protected, no addresses may be modified
Note 1:
The LVP bit cannot be programmed to ‘0’ when Programming mode is entered via LVP.
2:
See VBOR parameter for specific trip point voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com