Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1713 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16LF1713
Description  Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1713 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16LF1713 Datasheet HTML 35Page - Microchip Technology PIC16LF1713 Datasheet HTML 36Page - Microchip Technology PIC16LF1713 Datasheet HTML 37Page - Microchip Technology PIC16LF1713 Datasheet HTML 38Page - Microchip Technology PIC16LF1713 Datasheet HTML 39Page - Microchip Technology PIC16LF1713 Datasheet HTML 40Page - Microchip Technology PIC16LF1713 Datasheet HTML 41Page - Microchip Technology PIC16LF1713 Datasheet HTML 42Page - Microchip Technology PIC16LF1713 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 483 page
background image
 2014-2015 Microchip Technology Inc.
DS40001740B-page 39
PIC16(L)F1717/8/9
TABLE 3-12:
SPECIAL FUNCTION REGISTER SUMMARY
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
Bank 0
00Ch
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx xxxx
uuuu uuuu
00Dh
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
00Eh
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
00Fh
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
010h
PORTE
—
—
—
—
RE3
RE2(1)
RE1(1)
RE0(1)
---- xxxx
---- uuuu
011h
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0-00
012h
PIR2
OSFIF
C2IF
C1IF
—
BCL1IF
TMR6IF
TMR4IF
CCP2IF
000- 0000
000- 00--
013h
PIR3
—
NCOIF
COGIF
ZCDIF
CLC4IF
CLC3IF
CLC2IF
CLC1IF
-000 0000
--00 -000
014h
—
Unimplemented
—
—
015h
TMR0
Timer0 Module Register
xxxx xxxx
uuuu uuuu
016h
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
017h
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
018h
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON
0000 00-0
uuuu uu-u
019h
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00
uuuu uxuu
01Ah
TMR2
Holding Register for the 8-bit TMR2 Register
0000 0000
uuuu uuuu
01Bh
PR2
Timer2 Period Register
1111 1111
uuuu uuuu
01Ch
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000
-000 0000
01Dh
to
01Fh
—
Unimplemented
—
—
Bank 1
08Ch
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
1111 1111
08Dh
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISA0
1111 1111
1111 1111
08Eh
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
08Fh
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
1111 1111
090h
TRISE
—
—
—
—
TRISE3
TRISE2(1)
TRISE1(1)
TRISE0(1)
---- 1111
---- 1111
091h
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
092h
PIE2
OSFIE
C2IE
C1IE
—
BCL1IE
TMR6IE
TMR4IE
CCP2IE
000- 0000
000- 0000
093h
PIE3
—
NCOIE
COGIE
ZCDIE
CLC4IE
CLC3IE
CLC2IE
CLC1IE
-000 0000
--00 -000
094h
—
Unimplemented
—
—
095h
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
1111 1111
1111 1111
096h
PCON
STKOVF
STKUNF
—RWDT
RMCLR
RI
POR
BOR
00-1 11qq
qq-q qquu
097h
WDTCON
—
—WDTPS<4:0>
SWDTEN
--01 0110
--01 0110
098h
OSCTUNE
—
—
TUN<5:0>
--00 0000
--00 0000
099h
OSCCON
SPLLEN
IRCF<3:0>
—SCS<1:0>
0011 1-00
0011 1-00
09Ah
OSCSTAT
SOSCR
PLLR
OSTS
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFS
00q0 0q0q
qqqq --0q
09Bh
ADRESL
ADC Result Register Low
xxxx xxxx
uuuu uuuu
09Ch
ADRESH
ADC Result Register High
xxxx xxxx
uuuu uuuu
09Dh
ADCON0
—
CHS<4:0>
GO/DONE
ADON
-000 0000
-000 0000
09Eh
ADCON1
ADFM
ADCS<2:0>
—
ADNREF
ADPREF<1:0>
0000 -000
0000 --00
09Fh
ADCON2
TRIGSEL<3:0>
—
—
—
—
0000 ----
0000 ----
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
Unimplemented on PIC16(L)F1718.
2:
Unimplemented on PIC16LF1717/8/9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com