Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP7010/02P/ST Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # PXP7010/02P/ST
Description  7000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP7010/02P/ST Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

  PXP7010/02P/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
53 Buccaneer for Power
No Poles:
Current Rating:
CCC, UL and VDE
cUL (pending)
Voltage Rating (ac/dc):
CCC, VDE (pending)
UL, cUL (pending)
Contact Resistance:
Insulation Resistance:
AC Breakdown voltage:
2 pole
3 pole
6 to 32 pole
Operating Temp. Range:
Approvals (pending):
UL (Pending)
cULus (Pending)
VDE (Pending)
CCC (Pending)
Specifications
BUCCANEER FOR POWER
7000 Series Buccaneer
Electrical:
2
3
6
10 32
25A 25A 10A 10A 3A
25A 25A 8A
6A 2A
600V 600V 500V 277V 200V
600V 600V 600V 600V 600V
<10mΩ
>10⁶MΩ @500V dc
>10kV
>8kV
>5kV
–40°C to +120°C
UL1977
C22.2 No.182.3-M1987 (R2009)
IEC 61984:2009
GB/T11918 and GB/T11919
Body:
Colour:
Contacts:
O Rings & Gaskets:
Flammability Rating:
Halogen free
UV Resistance:
RoHS
Materials:
Plastic
Metal
Mechanical:
Locking mechanism
Sealing:
Salt Mist (plastic):
Salt Mist (metal):
Contact Accommodation:
2 & 3 pole screw terminals
6 pole screw
10 pole crimp / solder
32 pole crimp / solder
Cable Acceptance:
Cable retention force
(to BS EN61984):
5 - 9mm dia cable
9 - 15mm dia cable
Terminations
2 Pole:
3 Pole:
6 Pole:
10 Pole:
32 Pole:
Tightening Torques:
Gland Nut:
Panel Nut:
Panel Nut Thread
Dimensions:
Diameter: (over coupling ring)
Diameter: (panel hole cut-out)
Quarter turn, rapid locking
IP66 to EN60529:1992+A2:2013
IP68 to EN60529:1992+A2:2013
(10m depth for 2 weeks)
IP69k to DIN 40050-9
EN60068-2-52 Test Kb Salt Mist (Cyclic)
Marine Severity Level 1
EN60068-2-11 Test Ka Salt Mist
6.0mm² max
1.00mm² max
18 to 20AWG
22 to 26AWG
5-15mm dia.
80N
100N
Screw Terminals
Screw Terminals
Screw Terminals
Crimp / Solder Contacts
Crimp / Solder Contacts
TBA
1.7Nm (15lbf.in.)
M30 x 2-6g
42mm
30mm
PC/ PBT
Grey
Brass, Nickel Plate (Screw and
Crimp) Brass, (3A – Gold plated)
Silicone
UL94 V-0
Yes
ISO 4892 part 3 cycle 1 (QUV)
Compliant
Cast zinc alloy, nickel plated
Matt silver
Brass, Nickel Plate (Screw and
Crimp) Brass, (3A – Gold plated)
Silicone
-
-
-
Compliant
US
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com