Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP6010/02S/CR Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # PXP6010/02S/CR
Description  6000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP6010/02S/CR Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

  PXP6010/02S/CR Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP6010/02S/CR Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP6010/02S/CR Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP6010/02S/CR Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP6010/02S/CR Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP6010/02S/CR Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP6010/02S/CR Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP6010/02S/CR Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
45 Buccaneer for Power
No. Poles:
Current Rating:
See de-rating curves for
further information
Rated cable
Contact Resistance:
Insulation Resistance:
AC Breakdown voltage:
2 pole
3 pole
8 to 22 pole
Operating Temp. Range:
Approvals:
UL (E214972)
cULus (E214972)
VDE (40039281)
CCC (Pending)
Specifications
BUCCANEER FOR POWER
6000 Series Buccaneer
Electrical:
18
18
18
22
26
AWG AWG AWG AWG AWG
<10mΩ
>10⁶MΩ @500V dc
>10kV
>8kV
>5kV
–40°C to +120°C
UL1977
C22.2 No.182.3-M1987 (R2009)
IEC 61984:2009
Body:
Colour:
Contacts:
O Rings & Gaskets:
Flammability Rating:
Halogen free
UV Resistance:
RoHS
Materials:
Plastic
Metal
Mechanical:
Locking mechanism
Sealing:
Salt Mist (plastic) :
Salt Mist (metal) :
Contact Accommodation:
2 & 3 pole crimp / solder
2 & 3 pole screw terminals
8 pole crimp / solder
16 pole crimp / solder
22 pole crimp / solder
Cable Acceptance:
Cable retention force
(to BS EN61984):
4 - 9mm dia cable
9 - 10mm dia cable
Terminations:
2 Pole:
3 Pole:
8 Pole:
16 Pole:
22 Pole:
Tightening Torques:
Gland Nut:
Panel Nut:
Panel Nut Thread:
Dimensions:
Diameter: (over coupling ring)
Diameter: (panel hole cut-out)
Push/pull with 30° locking
Patent applied for
IP66 to En60529:1992+A2:2013
IP68 to En60529:1992+A2:2013 (10m depth
for 2 weeks)
IP69k to DIN 40050-9
EN60068-2-52 Test Kb Salt Mist (Cyclic)
Marine Severity Level 1
EN60068-2-11 Test Ka Salt Mist
14 to 18AWG
1.5mm² max
18 to 20AWG
22 to 26AWG
22 to 26AWG
4-10mm dia.
80N
100N
Screw Terminals
Screw, crimp or solder terminals
Crimp / Solder Contacts
Crimp / Solder Contacts
Crimp / Solder Contacts
1.13Nm (10lb.in)
1.7Nm (15lbf.in.)
M22 x 1.5-6g
32mm
22.5mm
PC/ PBT
Grey
Brass, Nickel Plate (Screw and Crimp)
Brass, (3A – Gold plated)
Silicone
UL94 V-0
Yes
ISO 4892 part 3 cycle 1 (QUV)
Compliant
Brass
Matt silver
Brass, Nickel Plate (Screw and
Crimp) Brass, (3A – Gold plated)
Silicone
-
-
-
Compliant
US
C
2
16A
16A
11A
277V
VDE
UL
cUL
CCC
Voltage
3
16A
16A
11A
277V
8
10A
7A
4A
277V
16
3A
3A
1.5A
60V
22
2A
3A
1.5A
60V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com