Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP7011/02S/ST Datasheet(PDF) 8 Page - Bulgin Limited. All rights reserved.

Part # PXP7011/02S/ST
Description  7000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP7011/02S/ST Datasheet(HTML) 8 Page - Bulgin Limited. All rights reserved.

  PXP7011/02S/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP7011/02S/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP7011/02S/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP7011/02S/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP7011/02S/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP7011/02S/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP7011/02S/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP7011/02S/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Buccaneer for Power 54
Current Carrying Capacity
BUCCANEER FOR POWER
7000 Series Buccaneer
16
10
12
14
8
6
2
4
10
70
20
60
30
50
80
40
90
130
100
120
140
110
10
70
20
60
30
50
80
40
90
130
100
120
140
110
10 Pole, Plastic Body, Crimp Terminal, 18 AWG wire
current applied through all pins simultaneously
7000 Series Current vs. Temperature Characteristics
Ambient Temperature °C
Operating Area
40
30
20
10
10
70
20
60
30
50
80
40
90
130
100
120
140
110
2 Pole, Plastic Body, Screw Terminal, 6.0mm2 wire
current applied through all pins simultaneously
7000 Series Current vs. Temperature Characteristics
Ambient Temperature °C
Operating Area
5
4
3
2
1
10
70
20
60
30
50
80
40
90
130
100
120
140
110
32 Pole, Plastic Body, Crimp Terminal, 22 AWG wire
current applied through all pins simultaneously
7000 Series Current vs. Temperature Characteristics
Ambient Temperature °C
Operating Area
40
30
20
10
10
70
20
60
30
50
80
40
90
130
100
120
140
110
3 Pole, Plastic Body, Screw Terminal, 4.0mm2 wire
current applied through all pins simultaneously
Operating Area
7000 Series Current vs. Temperature Characteristics
Ambient Temperature °C
16
10
12
14
8
6
2
4
10
70
20
60
30
50
80
40
90
130
100
120
140
110
10
70
20
60
30
50
80
40
90
130
100
120
140
110
6 Pole, Plastic Body, Screw Terminal, 1.0mm2 wire
current applied through all pins simultaneously
7000 Series Current vs. Temperature Characteristics
Ambient Temperature °C
Operating Area
The thermal properties of the materials used in the
construction of a connector limit the current carrying
capacity. There are a number of factors that determine
the amount of current that can be handled: contact
spacing, size of cable, ambient temperature and the
heat that is generated by the current passing through
the connector.
The maximum current varies with different contact
layouts, and because of these factors it is necessary
to produce de-rating curves for each pole variant. This
de-rating curve is specified in the standard IEC 60512
part 3. De-rating curves are plotted for each contact
carrier combination with the current being carried
simultaneously by all contacts. These graphs show the
heat rise generated as the current is increased.
The red line indicates the direct correlation between
current applied and the measured temperature rise
within the connector. The dotted blue line shows rated
current and the green line is derived by applying a
factor of 0.8 to the original plot data to give a de-rating
curve. The dashed blue line shows the rated current.
The shaded area under the 0.8 curve shows the
permitted operating area, and allows safe current vs
ambient temperature characteristics to be determined.
= tested operating limits
= de-rated operating limits
= rated current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com