Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP6011/02S/ST Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXP6011/02S/ST
Description  6000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP6011/02S/ST Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXP6011/02S/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP6011/02S/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP6011/02S/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP6011/02S/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP6011/02S/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP6011/02S/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP6011/02S/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP6011/02S/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
39 Buccaneer for Power
6000 Series Buccaneer
Push/Pull mechanism
Secure, quick connector mating and release
30° twist locking
Tamperproof lock prevents accidental un-mating
IP66, IP68 and IP69K when mated
Suitable for a wide range of dust and water borne environments
All plastic body version; UL94-V0 rated, UV stable,
halogen free
Light-weight, self-extinguishing material suitable for long-term
outdoor use
Flex, flex in-line & panel mount body styles,with sealing caps
Complete family of products maintain sealing integrity in all styles
Polarisation and visual alignment features
Aids the correct mating of connectors
2 to 22 poles – up to 16A, 277V rated
Suitable for mains power to signal applications
‘Scoop proof’ contacts
Prevents damage through mis-mating – ideal for ‘blind mating’
applications
cULus, UL, VDE
Internationally recognised certification
Screw, Crimp and Solder terminations available
6000 Series Buccaneer – circular connectors that combine the
ease of use of a push/pull coupling mechanism with proven
environmental sealing. Available with metal or plastic bodies, the
range supports both data (USB and Ethernet), signal and mains
power. Designed and independently tested to IP66, IP68 & IP69K
standards, they are ideal for applications where ingress of dust and
water must be avoided and where ease of connection, space and
appearance are important considerations.


Similar Part No. - PXP6011/02S/ST

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXP6011/02S/ST BULGIN-PXP6011/02S/ST Datasheet
2Mb / 7P
Robust, instant connections for harsh environments
V1.2
More results

Similar Description - PXP6011/02S/ST

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
SMB Buccaneer
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com