Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3321
Description  Adafruit Mini Color TFT with Joystick FeatherWing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3321 Datasheet(HTML) 2 Page - Adafruit Industries

  3321 Datasheet HTML 1Page - Adafruit Industries 3321 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
Product Dimensions: 50.0mm x 23.0mm x 11.8mm / 2.0" x 0.9" x 0.5"
Product Weight: 6.6g / 0.2oz
This lovely little display breakout is a great way to add a small, colorful and bright
display to any Feather project, and it works with all of our Feathers. Since the display
uses 4-wire SPI to communicate and has its own pixel-addressable frame buffer, it can
be used with every kind of microcontroller. Even a very small one with low memory and
few pins available.
Tested working with all Feather boards. Check out our range of Feather boards here.
,



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com