Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT03A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT03A
Description  QUAD 2-INPUT OPEN DRAIN NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT03A Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT03A Datasheet HTML 1Page - STMicroelectronics 74VHCT03A Datasheet HTML 2Page - STMicroelectronics 74VHCT03A Datasheet HTML 3Page - STMicroelectronics 74VHCT03A Datasheet HTML 4Page - STMicroelectronics 74VHCT03A Datasheet HTML 5Page - STMicroelectronics 74VHCT03A Datasheet HTML 6Page - STMicroelectronics 74VHCT03A Datasheet HTML 7Page - STMicroelectronics 74VHCT03A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2001
s
HIGH SPEED: tPZ = 3.9 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH = 2V (MIN.), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 03
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHCT03A is an advanced high-speed
CMOS QUAD 2-INPUT OPEN DRAIN NAND
GATE fabricated with sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
This device can, with an external pull-up resistor,
be used in wired AND configuration. This device
can also be used as a led driver and in any other
application requiring a current sink.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V since all inputs are
equipped with TTL threshold.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHCT03A
QUAD 2-INPUT OPEN DRAIN NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74VHCT03AM
74VHCT03AMTR
TSSOP
74VHCT03ATTR
TSSOP
SOP


Similar Part No. - 74VHCT03A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
223Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
16-Dec-2004
74VHCT03AMTR STMICROELECTRONICS-74VHCT03AMTR Datasheet
223Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
16-Dec-2004
74VHCT03ATTR STMICROELECTRONICS-74VHCT03ATTR Datasheet
223Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
16-Dec-2004
74VHCT03A STMICROELECTRONICS-74VHCT03A_04 Datasheet
223Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
16-Dec-2004
More results

Similar Description - 74VHCT03A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jan-1993
M74HC03 STMICROELECTRONICS-M74HC03 Datasheet
179Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jul-2001
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
Quad 2-Input NAND Gate (Open Drain)
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
12-Nov-2004
74VHCT03A STMICROELECTRONICS-74VHCT03A_04 Datasheet
223Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
16-Dec-2004
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
Quad 2-Input NAND Gate (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com