Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6729-0. Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6729-0.
Description  Do-It-Yourself Right-Angle Sheath Banana Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6729-0. Datasheet(HTML) 1 Page - Pomona Electronics

  6729-0. Datasheet HTML 1Page - Pomona Electronics 6729-0. Datasheet HTML 2Page - Pomona Electronics 6729-0. Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2010
D1099695 Rev. 002
Page 1 of 3
Model 6729
Do-It-Yourself Right-Angle Sheath Banana Plug
Features
•
Fits standard banana safety-style jacks.
•
Fits DMM with safety-style banana jacks.
•
Simple assembly.
•
Complies with International Safety Standard IEC 61010-2-031.
•
Accepts 18 AWG test lead wire (e.g. Pomona model: 6733 or 6734).
Materials
Banana Jack:
Nickel Plated Brass
Banana Plug:
Nickel Plated Beryllium Copper
Insulation:
Lucel Acetal Polymer
Materials
Voltage / Current:
* 1000 Vrms, CAT III, 20 A, IEC 61010-2-031
Temperature:
-10ºC to +55ºC
Ordering Information
6729-0
Black, Do-It-Yourself Right-Angle Sheath Banana Plug
6729-2
Red, Do-It-Yourself Right-Angle Sheath Banana Plug
*
When plug is correctly assembled and terminated.


Similar Part No. - 6729-0.

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6729-RC BOURNS-6729-RC Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
More results

Similar Description - 6729-0.

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3690 POMONA-3690 Datasheet
26Kb / 1P
Do-It-Yourself Solder Type Miniature Banana Plug
4933 POMONA-4933 Datasheet
23Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Plug
4934 POMONA-4934 Datasheet
43Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Jacks
5167 POMONA-5167 Datasheet
22Kb / 1P
Do-It-Yourself In-Line Banana Jack With Flexible Boot
5169 POMONA-5169 Datasheet
22Kb / 1P
Do-It-Yourself In-Line Banana Plug With Flexible Boot
5170 POMONA-5170 Datasheet
22Kb / 1P
Do-It-Yourself In-Line Banana Plug With Flexible Boot
5936 POMONA-5936 Datasheet
35Kb / 1P
Do-It Yourself Solder Type 2mm Banana Plug
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
logo
3M Electronics
5167-2 3M-5167-2 Datasheet
24Kb / 2P
Do-It-Yourself In-Line Banana Jack With Flexible Boot
09-Jun-1999
5936-0 3M-5936-0 Datasheet
35Kb / 1P
Do-It Yourself Solder Type 2mm Banana Plug
Rev A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com