Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2821 Datasheet(PDF) 9 Page - Adafruit Industries

Part # 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Datasheet(HTML) 9 Page - Adafruit Industries

Back Button 2821 Datasheet HTML 5Page - Adafruit Industries 2821 Datasheet HTML 6Page - Adafruit Industries 2821 Datasheet HTML 7Page - Adafruit Industries 2821 Datasheet HTML 8Page - Adafruit Industries 2821 Datasheet HTML 9Page - Adafruit Industries 2821 Datasheet HTML 10Page - Adafruit Industries 2821 Datasheet HTML 11Page - Adafruit Industries 2821 Datasheet HTML 12Page - Adafruit Industries 2821 Datasheet HTML 13Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Power Pins
GND - this is the common ground for all power and logic
BAT - this is the positive voltage to/from the JST jack for the optional Lipoly battery
USB - this is the positive voltage to/from the micro USB jack if connected
EN - this is the 3.3V regulator's enable pin. It's pulled up, so connect to ground to disable the 3.3V regulator
3V - this is the output from the 3.3V regulator, it can supply 500mA peak (try to keep your current draw under
250mA so you have plenty for the ESP8266's power requirements!)
Logic pins
This is the general purpose I/O pin set for the microcontroller. All logic is 3.3V
Serial pins
The ESP8266 runs on 3.3V power and logic, and unless otherwise specified, GPIO pins are not 5V safe! The
analog pin is also 1.0V max!
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 9 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com