Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2933AIPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2933AIPWR
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2933AIPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLC2933AIPWR Datasheet HTML 1Page - Texas Instruments TLC2933AIPWR Datasheet HTML 2Page - Texas Instruments TLC2933AIPWR Datasheet HTML 3Page - Texas Instruments TLC2933AIPWR Datasheet HTML 4Page - Texas Instruments TLC2933AIPWR Datasheet HTML 5Page - Texas Instruments TLC2933AIPWR Datasheet HTML 6Page - Texas Instruments TLC2933AIPWR Datasheet HTML 7Page - Texas Instruments TLC2933AIPWR Datasheet HTML 8Page - Texas Instruments TLC2933AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TLC2933A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES149 − OCTOBER 2005
2
TI.COM
functional block diagram
4
5
6
9
12
13
10
2
3
FIN−A
FIN−B
PFD INHIBIT
VCO IN
BIAS
VCO INHIBIT
SELECT
VCO OUT
PFD OUT
Phase
Frequency
Detector
Voltage
Controlled
Oscillator
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
LOGIC VDD
1
Power supply for the internal logic. This power supply should be separated from VCO VDD to reduce
cross-coupling between supplies.
SELECT
2
I
VCO output frequency select. When SELECT is high, the VCO output frequency is
×1/2 and when
low. The output frequency is
×1.
VCO OUT
3
O
VCO output. When the VCO INHIBIT is high, VCO output is low.
FIN−A
4
I
Input reference frequency f(REF IN) is applied to FIN−A.
FIN−B
5
I
Input for VCO external counter output frequency f(FIN−B). FIN−B is nominally provided from the
external counter.
PFD OUT
6
O
PFD output. When the PFD INHIBIT is high, PFD output is in the high-impedance state.
LOGIC GND
7
GND for the internal logic.
TEST
8
Connect to GND.
PFD INHIBIT
9
I
PFD inhibit control. When PFD INHIBIT is high, PFD output is in the high-impedance state.
VCO INHIBIT
10
I
VCO inhibit control. When VCO INHIBIT is high, VCO output is low.
VCO GND
11
GND for VCO.
VCO IN
12
I
VCO control voltage input. Nominally the external loop filter output connects to VCO IN to control
VCO oscillation frequency.
RBIAS
13
I
Bias supply. An external resistor (RBIAS) between VCO VDD and RBIAS supplies bias for adjusting the
oscillation frequency range.
VCO VDD
14
Power supply for VCO. This power supply should be separated from LOGIC VDD to reduce
cross-coupling between supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com