Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3545ID Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC3545ID
Description  5-V, LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC3545ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC3545ID Datasheet HTML 3Page - Texas Instruments TLC3545ID Datasheet HTML 4Page - Texas Instruments TLC3545ID Datasheet HTML 5Page - Texas Instruments TLC3545ID Datasheet HTML 6Page - Texas Instruments TLC3545ID Datasheet HTML 7Page - Texas Instruments TLC3545ID Datasheet HTML 8Page - Texas Instruments TLC3545ID Datasheet HTML 9Page - Texas Instruments TLC3545ID Datasheet HTML 10Page - Texas Instruments TLC3545ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
7
www.ti.com
TYPICAL CHARACTERISTICS
−160
−140
−120
−100
−80
−60
−40
−20
0
010
30
40
60
70
90
FFT
fi − Input Frequency − kHz
fi = 15 kHz,
VDD = VREF = 5 V,
200 KSPS
20
50
80
100
Figure 1
−160
−140
−120
−100
−80
−60
−40
−20
0
010
30
40
60
70
90
FFT
fi − Input Frequency − kHz
fi = 1.5 kHz,
VDD = VREF = 5 V,
200 KSPS
20
50
80
100
Figure 2
−1.5
−1
−0.5
0
0.5
1
1.5
0
5000
10000
15000
Code
DIFFERENTIAL NONLINEARITY
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com