Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59211IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC59211IPWR
Description  TLC59211 8-Bit DMOS Sink Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC59211IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC59211IPWR Datasheet HTML 3Page - Texas Instruments TLC59211IPWR Datasheet HTML 4Page - Texas Instruments TLC59211IPWR Datasheet HTML 5Page - Texas Instruments TLC59211IPWR Datasheet HTML 6Page - Texas Instruments TLC59211IPWR Datasheet HTML 7Page - Texas Instruments TLC59211IPWR Datasheet HTML 8Page - Texas Instruments TLC59211IPWR Datasheet HTML 9Page - Texas Instruments TLC59211IPWR Datasheet HTML 10Page - Texas Instruments TLC59211IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VOLTAGE WAVEFORMS
50%
50%
D
Y
5 V
VCC
GND
GND
90%
50%
10%
tTHL
50%
10%
90%
tTLH
tPHL
tPLH
LOAD CIRCUIT
FOR O/D OUTPUT
24 V
Test
R = 240
L
C = 30 pF
L
Y
TLC59211
www.ti.com
SCLS712A – MARCH 2009 – REVISED JUNE 2015
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns,
and tf ≤ 3 ns.
C.
The outputs are measured one at a time with one transition per measurement.
D.
tPLH and tPHL are the same as tpd.
Figure 2. Test Circuit and Voltage Waveforms
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLC59211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com