Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2161ACD Datasheet(PDF) 24 Page - Texas Instruments

Part # TLE2161ACD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161ACD Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLE2161ACD Datasheet HTML 20Page - Texas Instruments TLE2161ACD Datasheet HTML 21Page - Texas Instruments TLE2161ACD Datasheet HTML 22Page - Texas Instruments TLE2161ACD Datasheet HTML 23Page - Texas Instruments TLE2161ACD Datasheet HTML 24Page - Texas Instruments TLE2161ACD Datasheet HTML 25Page - Texas Instruments TLE2161ACD Datasheet HTML 26Page - Texas Instruments TLE2161ACD Datasheet HTML 27Page - Texas Instruments TLE2161ACD Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
NOISE VOLTAGE
(REFERRED TO INPUT)
OVER A 10-SECOND INTERVAL
t – Time – s
10
9
8
7
6
5
4
3
2
1
0
–1
– 0.5
0
0.5
1
TA = 25°C
f = 0.1 to 10 Hz
VCC
± = ±15 V
Figure 28
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
See Figure 2
TA = 25°C
RS = 20 Ω
VCC
± = ±5 V
10 k
1 k
100
10
1
f – Frequency – Hz
0
20
40
60
80
100
Figure 29
AVD = 2
VO(PP) = 2 V
TA = 25°C
Source Signal
0.2
0.15
100 k
10 k
1 k
100
10
t – Frequency – Hz
0
0.25
0.1
0.05
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VCC
± = ±5 V
Figure 30
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VCC
± = ± 5 V
Source Signal
TA = 25°C
VO(PP) = 2 V
AVD = 10
0.3
0.1
0.5
0.6
0
f – Frequency – Hz
10
100
1 k
10 k
100 k
0.2
0.4
Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com