Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425CPS Datasheet(PDF) 23 Page - Texas Instruments

Part # TLE2425CPS
Description  PRECISION VIRTUAL GROUND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2425CPS Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLE2425CPS Datasheet HTML 17Page - Texas Instruments TLE2425CPS Datasheet HTML 18Page - Texas Instruments TLE2425CPS Datasheet HTML 19Page - Texas Instruments TLE2425CPS Datasheet HTML 20Page - Texas Instruments TLE2425CPS Datasheet HTML 21Page - Texas Instruments TLE2425CPS Datasheet HTML 22Page - Texas Instruments TLE2425CPS Datasheet HTML 23Page - Texas Instruments TLE2425CPS Datasheet HTML 24Page - Texas Instruments TLE2425CPS Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
TYP
(1.07)
(1.5)
2X (1.5)
2X (1.07)
(1.27)
(2.54)
FULL R
TYP
(
1.4)
0.05 MAX
ALL AROUND
TYP
(2.6)
(5.2)
(R0.05) TYP
3X (
0.9) HOLE
2X (
1.4)
METAL
3X (
0.85) HOLE
(R0.05) TYP
4215214/C 04/2025
TO-92 - 5.34 mm max height
LP0003A
TO-92
LAND PATTERN EXAMPLE
FORMED LEAD OPTION
NON-SOLDER MASK DEFINED
SCALE:15X
SOLDER MASK
OPENING
METAL
2X
SOLDER MASK
OPENING
1
2
3
LAND PATTERN EXAMPLE
STRAIGHT LEAD OPTION
NON-SOLDER MASK DEFINED
SCALE:15X
METAL
TYP
SOLDER MASK
OPENING
2X
SOLDER MASK
OPENING
2X
METAL
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com