Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425CD Datasheet(PDF) 22 Page - Texas Instruments

Part # TLE2425CD
Description  PRECISION VIRTUAL GROUND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2425CD Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLE2425CD Datasheet HTML 17Page - Texas Instruments TLE2425CD Datasheet HTML 18Page - Texas Instruments TLE2425CD Datasheet HTML 19Page - Texas Instruments TLE2425CD Datasheet HTML 20Page - Texas Instruments TLE2425CD Datasheet HTML 21Page - Texas Instruments TLE2425CD Datasheet HTML 22Page - Texas Instruments TLE2425CD Datasheet HTML 23Page - Texas Instruments TLE2425CD Datasheet HTML 24Page - Texas Instruments TLE2425CD Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
PACKAGE OUTLINE
3X
2.67
2.03
5.21
4.44
5.34
4.32
3X
12.7 MIN
2X 1.27 0.13
3X
0.55
0.38
4.19
3.17
3.43 MIN
3X
0.43
0.35
(2.54)
NOTE 3
2X
2.9
2.4
2X
4 MAX
SEATING
PLANE
6X
0.076 MAX
(0.51) TYP
(1.5) TYP
TO-92 - 5.34 mm max height
LP0003A
TO-92
4215214/C 04/2025
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Lead dimensions are not controlled within this area.
4. Reference JEDEC TO-226, variation AA.
5. Shipping method:
a. Straight lead option available in bulk pack only.
b. Formed lead option available in tape and reel or ammo pack.
c. Specific products can be offered in limited combinations of shipping medium and lead options.
d. Consult product folder for more information on available options.
EJECTOR PIN
OPTIONAL
PLANE
SEATING
STRAIGHT LEAD OPTION
3
2
1
SCALE 1.200
FORMED LEAD OPTION
OTHER DIMENSIONS IDENTICAL
TO STRAIGHT LEAD OPTION
SCALE 1.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com