Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2161 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLE2161
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161 Datasheet(HTML) 2 Page - Texas Instruments

  TLE2161 Datasheet HTML 1Page - Texas Instruments TLE2161 Datasheet HTML 2Page - Texas Instruments TLE2161 Datasheet HTML 3Page - Texas Instruments TLE2161 Datasheet HTML 4Page - Texas Instruments TLE2161 Datasheet HTML 5Page - Texas Instruments TLE2161 Datasheet HTML 6Page - Texas Instruments TLE2161 Datasheet HTML 7Page - Texas Instruments TLE2161 Datasheet HTML 8Page - Texas Instruments TLE2161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
A variety of available options includes small-outline packages and chip-carrier versions for high-density system
applications.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of – 55
°C to 125°C.
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
VCC –
NC
VCC +
OUT
OFFSET N2
D, JG, OR P PACKAGE
(TOP VIEW)
NC – No internal connection
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC +
NC
OUT
NC
NC
IN –
NC
IN +
NC
FK PACKAGE
(TOP VIEW)
equivalent schematic
Q35
Q34
2.7 k
Ω
Q10
Q15
VCC –
Q2
OFFSET N2
OFFSET N1
1.1 k
Ω
R1
15 pF
C1
55 k
Ω
1.1 k
Ω
R4
R2
Q8
C2 15 pF
Q6
2.4 k
Ω
R3
60 k
Ω
R5
Q12
Q22
Q21
Q26
Q7
IN –
IN +
1.6 pF
C3
Q11
Q20
Q24
Q16
Q17
Q23
R6
Q19
Q18
Q25
Q27
Q28
600
Ω
R7
Q31
Q30
Q38
Q39
Q41
Q42
OUT
100
Ω
R9
20
Ω
R8
Q29
Q43
Q40
Q37
Q36
Q33
Q32
Q5
Q1
Q3
Q14
Q13
Q9
Q4
VCC +
All component values are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com