Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2161AIP Datasheet(PDF) 25 Page - Texas Instruments

Part # TLE2161AIP
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161AIP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLE2161AIP Datasheet HTML 21Page - Texas Instruments TLE2161AIP Datasheet HTML 22Page - Texas Instruments TLE2161AIP Datasheet HTML 23Page - Texas Instruments TLE2161AIP Datasheet HTML 24Page - Texas Instruments TLE2161AIP Datasheet HTML 25Page - Texas Instruments TLE2161AIP Datasheet HTML 26Page - Texas Instruments TLE2161AIP Datasheet HTML 27Page - Texas Instruments TLE2161AIP Datasheet HTML 28Page - Texas Instruments TLE2161AIP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
6.6
6.2
5.8
5.4
16
12
8
4
7
20
5
0
f = 100 kHz
See Figure 3
TA = 25°C
CL = 100 pF
RL = 10 kΩ
|VCC
± | – Supply Voltage – V
Figure 32
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
125
100
75
50
25
0
–25
–50
6.6
6.2
5.8
5.4
7
5
See Figure 3
CL = 100 pF
RL = 10 kΩ
f = 100 kHz
VCC
± = ± 5 V
VCC
± = ±15 V
TA – Free-Air Temperature – °C
–75
Figure 33
PHASE MARGIN
vs
SUPPLY VOLTAGE
AVD = 5
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
74
°
73
°
72
°
71
°
70
°
69
°
68
°
0
|VCC
± | – Supply Voltage – V
2
4
6
8
10
12
14
16
18
20
67
°
Figure 34
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
VCC
± = ±5 V
VCC
± = ±15 V
See Figure 3
CL = 100 pF
RL = 10 kΩ
AVD = 5
76
°
74
°
72
°
70
°
68
°
100
75
50
25
0
–25
–50
78
°
125
TA – Free-Air Temperature – °C
66
°
–75
Figure 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com