Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2322IPWLE Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2322IPWLE
Description  LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2322IPWLE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2322IPWLE Datasheet HTML 17Page - Texas Instruments TLV2322IPWLE Datasheet HTML 18Page - Texas Instruments TLV2322IPWLE Datasheet HTML 19Page - Texas Instruments TLV2322IPWLE Datasheet HTML 20Page - Texas Instruments TLV2322IPWLE Datasheet HTML 21Page - Texas Instruments TLV2322IPWLE Datasheet HTML 22Page - Texas Instruments TLV2322IPWLE Datasheet HTML 23Page - Texas Instruments TLV2322IPWLE Datasheet HTML 24Page - Texas Instruments TLV2322IPWLE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TLV2322, TLV2322Y, TLV2324, TLV2324Y
LinCMOS
™ LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS187 – FEBRUARY 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 31
02
46
8
PHASE MARGIN
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
VI = 10 mV
RL = 1 MΩ
CL = 20 pF
TA = 25°C
42
°
40
°
38
°
36
°
34
°
32
°
30
°
Figure 32
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD = 3 V
VDD = 5 V
40
°
38
°
36
°
34
°
32
°
30
°
28
°
26
°
24
°
22
°
20
°
VI = 10 mV
RL = 1 MΩ
CL = 20 pF
Figure 33
40
°
38
°
36
°
34
°
32
°
30
°
28
°
26
°
24
°
22
°
20
°
0
10
2030
405060
708090
100
PHASE MARGIN
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
VI = 10 mV
RL = 1 MΩ
TA = 25°C
VDD = 5 V
VDD = 3 V
Figure 34
0
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
100
75
25
125
175
200
50
150
1
10
100
1000
VDD = 3 V, 5 V
RS = 20 Ω
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com