Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRL2012E-C-R005-F-T1 Datasheet(PDF) 2 Page - Susumu Co., Ltd.

Part # KRL2012E-C-R005-F-T1
Description  Metal foil low resistance chip resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUSUMU [Susumu Co., Ltd.]
Direct Link  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.

KRL2012E-C-R005-F-T1 Datasheet(HTML) 2 Page - Susumu Co., Ltd.

  KRL2012E-C-R005-F-T1 Datasheet HTML 1Page - Susumu Co., Ltd. KRL2012E-C-R005-F-T1 Datasheet HTML 2Page - Susumu Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆Derating Curve
(unit:mm)
◆Dimensions
100
50
0
-55    0    50 
100 120 155 175
D Type
E Type
L
W
t
a
a
L
W
t
a
a
Ambient (terminal) temperature
C (high operating temperature)
M (low EMF)
52
KRL1608
KRL2012
KRL3216
KRL5025
KRL6432
KRL7638
KRL9045
KRL11050
KRL15075
Type
0.80±0.20
1.25±0.20
1.60±0.20
2.50±0.20
3.10±0.20
3.80±0.20
4.50±0.20
5.00±0.20
7.50±0.20
0603
0805
1206
2010
2512
3015
3518
4320
5930
Size
(inch)
L
1.60±0.20
2.00±0.20
3.20±0.20
5.00±0.20
6.30±0.20
7.60±0.20
9.00±0.20
11.00±0.20
15.00±0.20
W
t
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.65±0.20
0.25±0.20(5mΩ∼)
0.30±0.20(2mΩ∼)/0.55±0.20(1mΩ)
0.30±0.20(2mΩ∼)/0.55±0.20(1mΩ)
0.40±0.20(2mΩ∼)/0.55±0.20(1mΩ)
0.50±0.20(2mΩ∼)/1.20±0.20(1mΩ)
0.60±0.20(2mΩ∼)/1.35±0.20(1mΩ)
0.70±0.20(2mΩ∼)/1.60±0.20(1mΩ)
0.80±0.20(2mΩ∼)/1.60±0.20(1mΩ)
1.10±0.20(2mΩ∼)/2.75±0.20(1mΩ)
a
*1 KRL1608 dosen't have E Type
*1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com