Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMXP1000. Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # KMXP1000.
Description  Anisotropic Magneto-Resistive (AMR) Linear Position Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMXP1000. Datasheet(HTML) 4 Page - TE Connectivity Ltd

  KMXP1000. Datasheet HTML 1Page - TE Connectivity Ltd KMXP1000. Datasheet HTML 2Page - TE Connectivity Ltd KMXP1000. Datasheet HTML 3Page - TE Connectivity Ltd KMXP1000. Datasheet HTML 4Page - TE Connectivity Ltd KMXP1000. Datasheet HTML 5Page - TE Connectivity Ltd KMXP1000. Datasheet HTML 6Page - TE Connectivity Ltd KMXP1000. Datasheet HTML 7Page - TE Connectivity Ltd KMXP1000. Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KMXP
LINEAR POSITION SENSOR
SENSOR SOLUTIONS /// KMXP Linear Position Sensor
05/2018
Page 4
MEASUREMENT SET UP CONDITIONS
PARAMETER
SYMBOL
UNIT
CONDITION
A. Set Up Conditions
Ambient temperature
T
°C
T = 25 °C (unless otherwise noted)
Supply voltage
Vcc
V
Vcc = 5 V
Applied magnetic field
H
kA/m
H > 10 kA/m
B. Sensor Specifications (T=25 °C, 360° turn , H=25 kA/m , Vomax>0, Vomin<0)
Output signal range
Vn / Vcc
mV/V
Vn / Vcc = (Vn max
– Vn min) / Vcc
Signal offset
Voff n
mV/V
Voff n = (Vn max + Vn min) / Vcc
C. Sensor Specifications (T=-25°C, +125°C)
Ambient temperatures
T
°C
T1 = -25 °C, T0 = +25 °C, T2 = +125 °C
TC of amplitude
TCSV
%/K
%
100
)
(
)
(
)
(
)
(
1
1
1
2
1
2
T
V
V
T
V
V
T
V
V
T
T
TCV
cc
n
cc
n
cc
n
TC of resistance
TCBR
%/K
%
100
)
(
)
(
)
(
)
(
1
1
1
2
1
2
T
R
T
R
T
R
T
T
TCR
n
n
n
TC of offset
TCVoff
µV/(VK)
)
(
)
(
)
(
1
2
1
2
T
T
T
Voff
T
Voff
TCVoff
n
n
n
n = 1;2 (bridge number)
BLOCK DIAGRAM
n. c. -V2 -V1 GND Vcc +V1 +V2
1
2
3
4
5
6
7
8
n. c.
n. c.
Vcc2 -V2 -V1 GND Vcc1 +V1 +V2
1
2
3
4
5
6
7
8
Figure 3a: KMXP 1000/2000
Figure 3b: KMXP 5000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com