Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMXP1002. Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # KMXP1002.
Description  Anisotropic Magneto-Resistive (AMR) Linear Position Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMXP1002. Datasheet(HTML) 3 Page - TE Connectivity Ltd

  KMXP1002. Datasheet HTML 1Page - TE Connectivity Ltd KMXP1002. Datasheet HTML 2Page - TE Connectivity Ltd KMXP1002. Datasheet HTML 3Page - TE Connectivity Ltd KMXP1002. Datasheet HTML 4Page - TE Connectivity Ltd KMXP1002. Datasheet HTML 5Page - TE Connectivity Ltd KMXP1002. Datasheet HTML 6Page - TE Connectivity Ltd KMXP1002. Datasheet HTML 7Page - TE Connectivity Ltd KMXP1002. Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KMXP
LINEAR POSITION SENSOR
SENSOR SOLUTIONS /// KMXP Linear Position Sensor
05/2018
Page 3
PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
COND.
TYPE
MIN
TYP
MAX
UNIT
1. Operating Limits
Max. supply voltage
Vcc,max
all
10
V
Max. current (both
bridges)
Icc,max
KMXP 1000
KMXP
2000/5000
5
10
mA
Operating temperature
Top
all
-40
+150
C
Storage temperature
Tst
all
-40
+150
C
2. Sensor Specifications (T=25 °C)
Supply voltage
Vcc
all
5
V
Pole pitch 1)
p
KMXP 1000
KMXP 2000
KMXP 5000
1000
2000
5000
µm
Air gap package front
–
magnetic scale 2)
D
KMXP 1000
KMXP 2000
KMXP 5000
0.1
0.2
0.5
0.4
0.8
2
0.8
1.8
4
mm
Resistance
(both bridges)
Rb
KMXP 1000
KMXP
2000/5000
2000
1000
3000
1500
4000
2000
Output signal range
Vn/Vcc
A, B
all
18
22
26
mV/V
Offset voltage
Vn off
A, B
all
-1
0
+1
mV/V
3. Sensor Specifications
TC of amplitude
TCSV
A, C
All
-0.35
%/K
TC of resistance
TCBR
A, C
All
+0.35
%/K
TC of offset
TCVoff
A, C
all
-4
0
+4
µV/V/K
n = 1;2 (bridge number); Stress above one or more of the limiting values may cause permanent damage to the device. Exposure
to limiting values for extended periods may affect device reliability.
1) Other pole pitches on request
2) Typical values for conventional magnetic scales. Air gap for maximum accuracy depends on the used scale.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com