Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMXP2000. Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # KMXP2000.
Description  Anisotropic Magneto-Resistive (AMR) Linear Position Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMXP2000. Datasheet(HTML) 1 Page - TE Connectivity Ltd

  KMXP2000. Datasheet HTML 1Page - TE Connectivity Ltd KMXP2000. Datasheet HTML 2Page - TE Connectivity Ltd KMXP2000. Datasheet HTML 3Page - TE Connectivity Ltd KMXP2000. Datasheet HTML 4Page - TE Connectivity Ltd KMXP2000. Datasheet HTML 5Page - TE Connectivity Ltd KMXP2000. Datasheet HTML 6Page - TE Connectivity Ltd KMXP2000. Datasheet HTML 7Page - TE Connectivity Ltd KMXP2000. Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SENSOR SOLUTIONS /// KMXP Linear Position Sensor
05/2018
Page 1
KMXP SERIES
Anisotropic Magneto-Resistive (AMR)
Linear Position Sensors
Position sensors play an increasingly important role in many
industrial, robotic and medical applications. Advanced
applications in harsh environments need sensors that perform
well, even when exposed to oil, dirt and dust.
The TE Connectivity KMXP position sensor is the right choice to
meet those needs thanks to its Magneto Resistive technology
and available form factors. The KMXP sensor provides greater
precision than commonly used Hall sensors and is designed to
provide reliable and accurate measurements in harsh
environments including high temperatures.
The sensor measuring principle is based on the anisotropic
magneto resistance effect (AMR effect).
The sensors are offered in two different DFN packages for
multiple orientation options. These packages can be easily
integrated to almost any automated assembly process.
FEATURES
High Resolution and high precision
–
Magneto Resistive (MR) sensor with
contactless measurement which provides
accuracy of 10-50 µm in ranges between 1
–
5 mm.
Easy Assembly
– DFN package ideal for any
PCB assembly processes.
Tape & Reel packaging for easy integration
Design Freedom
– Perpendicular or flat
soldering versions and a small sensor wall
thickness for large application air gaps.
Superior Performance
– Up to 150°C, EMC
proof in any dirty environment and
insensitive to dirt, oil or dust.
APPLICATIONS
Contactless linear or angular position
measurement in applications like:
Industrial machinery like sawing or
drilling equipment
Medical high precision mechanical
controls like bed control, advanced
prosthesis steering, precision
catheters, X-ray equipment, or
syringe pumps
Robotics in industrial automation


Similar Part No. - KMXP2000.

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMXP2000 TEC-KMXP2000 Datasheet
368Kb / 7P
Linear Position Sensor
More results

Similar Description - KMXP2000.

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
GMRB6 INFINEON-GMRB6 Datasheet
40Kb / 4P
Giant Magneto Resistive Position Sensor
2000-07-01
logo
List of Unclassifed Man...
GMRC6 ETC-GMRC6 Datasheet
146Kb / 3P
GIANT MAGNETO RESISTIVE POSITION POSITION SENSOR
logo
Infineon Technologies A...
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
GMRS4 INFINEON-GMRS4 Datasheet
33Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
logo
Panasonic Semiconductor
EVAW7 PANASONIC-EVAW7 Datasheet
110Kb / 3P
Linear Position Sensors
logo
Standex Electronics, In...
A47-HS1-P5P21 STANDEX-A47-HS1-P5P21 Datasheet
550Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev DAA
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com