Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K/CAP2 Datasheet(PDF) 1 Page - Velleman Group nv All rights reserved

Part # K/CAP2
Description  ELECTROLYTIC CAPACITOR SET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VELLEMAN [Velleman Group nv All rights reserved]
Direct Link  https://www.velleman.eu/
Logo VELLEMAN - Velleman Group nv All rights reserved

K/CAP2 Datasheet(HTML) 1 Page - Velleman Group nv All rights reserved

  K/CAP2 Datasheet HTML 1Page - Velleman Group nv All rights reserved K/CAP2 Datasheet HTML 2Page - Velleman Group nv All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/28/2019
Printable version: Velleman Projects K/CAP2: ELECTROLYTIC CAPACITOR SET – Velleman – Wholesaler and developer of electro…
https://www.velleman.eu/products/view/?id=354882&output=printable
1/2
K/CAP2
Popular item
PRODUCT OVERVIEW ELECTRONIC COMPONENTS PASSIVE COMPONENTS CAPACITORS CAPACITOR SETS
ELECTROLYTIC CAPACITOR SET
S p e c i f i c a t i o n s
quantity: 120 pieces
number of values: 10 (from 1µF to 1000µF)
contents:
15 x: 1µF/50V, 2.2µF/50V, 4.7µF/50V, 10µF/50V, 22µF/50V, 47µF/25V, 100µF/25V
5 x: 220µF/25V, 470µF/25V, 1000µF/25V
Customers who viewed this product also viewed
K/CAP1
CERAMIC CAPACITOR SET
K/TRANS1
TRANSISTOR SET


Similar Description - K/CAP2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
ALUMINIUM ELECTROLYTIC CAPACITOR
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com