Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0413/02S/PC Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PX0413/02S/PC
Description  400 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0413/02S/PC Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PX0413/02S/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0413/02S/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0413/02S/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0413/02S/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0413/02S/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0413/02S/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
35 Buccaneer for Power
BUCCANEER FOR POWER
400 Series Buccaneer
Front Panel Mounting Connector
PX0412
Mates with Flex Cable
connectors PX0410, PX0400 &
PX0402
Front Panel mounting
Single hole fixing
Contacts supplied separately
2, 3, 4, 6, 8, 10 or 12 pole
Rear Panel Mounting Connector
PX0413
Mates with Flex Cable
connector PX0410, PX0400 &
PX0402
Rear Panel mounting
Single hole fixing
Contacts supplied separately
2, 3, 4, 6, 8, 10 or 12 pole
PCB Mounting Connector
PX0413
Mates with Flex Cable
connector PX0410, PX0400 &
PX0402
PCB Rear Panel mounting
Straight PC spills
Supplied with pre-loaded gold
plated contacts
2, 3, 4, 6, 8, 10 or 12 pole
Sealing Caps and Accessories
PX0480 PX0480/1 PX0481 PX0484
Maintains IP68 Rating of
Unmated Connectors
PX0480: Fits PX0412 (panel
mounting)
PX0480/1: Fits PX0401 &
PX0411 (flex in-line)
PX0481: Fits PX0400, PX0402
& PX0410 (flex connector)
PX0484: Fits PX0413 (PCB
and rear panel mount)
Gland Packs
Part No
Description
PX0482
PX0483
Pack of 4 pairs cable glands and collets to suit cables from
3.0 to 5.0mm diameter.
Pack of 4 pairs cable glands and collets to suit cables from
5.0 to 7.0mm diameter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com