Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9502_1 Datasheet HTML 7Page - Torex Semiconductor XC9502_1 Datasheet HTML 8Page - Torex Semiconductor XC9502_1 Datasheet HTML 9Page - Torex Semiconductor XC9502_1 Datasheet HTML 10Page - Torex Semiconductor XC9502_1 Datasheet HTML 11Page - Torex Semiconductor XC9502_1 Datasheet HTML 12Page - Torex Semiconductor XC9502_1 Datasheet HTML 13Page - Torex Semiconductor XC9502_1 Datasheet HTML 14Page - Torex Semiconductor XC9502_1 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11/43
XC9502
Series
■NOTES ON USE
2. PWM/PFM Automatic Switching
If PWM/PFM automatic switching control is selected and the step-up ratio is low (e.g., from 4.5V to 5.0V) or the
step-down ratio is high (e.g., from 10.0V to 1.0 V), the control mode remains in PFM setting in the whole load range,
since the duty ratio under continuous-duty condition is smaller than the PFM duty ratio of the XC9502 series. The
output voltage's ripple voltage becomes substantially high under heavy load conditions, with the XC9502 series
appearing to be producing an abnormal oscillation. If this operation becomes a concern, set pins PWM1 and PWM2 to
High to set the control mode to PWM setting. For use under the above-mentioned condition, measured data of
PWM/PFM automatic switching control shown on the data sheets are available up to IOUT = 100 mA.
1.Checking for Intermittent Oscillation
The XC9502 series is subject to intermittent oscillation in the proximity of the maximum duty if the step-down ratio is low
(e.g., from 4.2 V to 3.3 V) or a heavy load is applied where the duty ratio becomes high. Check waveforms at EXT under
your operating conditions. A remedy for this problem is to raise the inductance of coil L or increase the load capacitance
CL.
3. Ratings
Use the XC9502 series and external components within the limits of their ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com